Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC2844 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części UC2844
Szczegółowy opis  Current-Mode PWM Controllers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC2844 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button UC2844 Datasheet HTML 5Page - Texas Instruments UC2844 Datasheet HTML 6Page - Texas Instruments UC2844 Datasheet HTML 7Page - Texas Instruments UC2844 Datasheet HTML 8Page - Texas Instruments UC2844 Datasheet HTML 9Page - Texas Instruments UC2844 Datasheet HTML 10Page - Texas Instruments UC2844 Datasheet HTML 11Page - Texas Instruments UC2844 Datasheet HTML 12Page - Texas Instruments UC2844 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Temperature (C)
-75
-50
-25
0
25
50
75
100
125
150
40
60
80
100
120
140
160
180
D006
Source Current (mA)
0
20
40
60
80
100
120
140
160
-60
-50
-40
-30
-20
-10
0
D007
Ta = 125 C
Ta = 25 C
Ta = -40 C
Freq (Hz)
10
100
1000
10000
100000 1000000
1E+7
-20
-100
0
-50
20
0
40
50
60
100
80
150
100
200
D003
Gain
Phase
IO, Output Load Current (mA)
0
100
200
300
400
500
600
700
800
-10
0
-9
1
-8
2
-7
3
-6
4
-5
5
-4
6
-3
7
-2
8
-1
9
0
10
D005
Source Saturation at 25 C
Source Saturation at -55 C
Sink Saturation at -55 C
Sink Saturation at 25 C
Temperature (C)
-75
-50
-25
0
25
50
75
100
125
150
7.4
7.6
7.8
8
8.2
8.4
8.6
8.8
9
9.2
D001
VO, Error Amp Output Voltage (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
D005
TA = 125qC
TA = 25qC
TA = 55qC
9
UC1842, UC2842, UC3842, UC1843, UC2843, UC3843
UC1844, UC2844, UC3844, UC1845, UC2845, UC3845
www.ti.com
SLUS223D – APRIL 1997 – REVISED AUGUST 2016
Product Folder Links: UC1842 UC2842 UC3842 UC1843 UC2843 UC3843 UC1844 UC2844 UC3844 UC1845
UC2845 UC3845
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
7.6 Typical Characteristics
Figure 1. Oscillator Discharge Current
vs Temperature for VCC = 15 V and VOSC = 2 V
Figure 2. Current Sense Input Threshold vs
Error Amplifier Output Voltage for VCC = 15 V
Figure 3. Error Amplifier Open-Loop Gain and Phase vs
Frequency, VCC = 15 V, RL = 100 kΩ, and TA = 25 °C
Figure 4. OUTPUT Saturation Voltage vs
Load Current for VCC = 15 V with 5-ms Input Pulses
Figure 5. VREF Short-Circuit Current vs
Temperature for VCC = 15 V
Figure 6. VREF Voltage vs Source Current


Podobny numer części - UC2844

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
UC2844 STMICROELECTRONICS-UC2844 Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Texas Instruments
UC2844 TI-UC2844 Datasheet
433Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
UC2844 TI-UC2844 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2844 TI-UC2844 Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
logo
Unisonic Technologies
UC2844 UTC-UC2844 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
More results

Podobny opis - UC2844

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com