Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC3578 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części UC3578
Szczegółowy opis  Buck Pulse Width Modulator Stepdown Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC3578 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button UC3578 Datasheet HTML 2Page - Texas Instruments UC3578 Datasheet HTML 3Page - Texas Instruments UC3578 Datasheet HTML 4Page - Texas Instruments UC3578 Datasheet HTML 5Page - Texas Instruments UC3578 Datasheet HTML 6Page - Texas Instruments UC3578 Datasheet HTML 7Page - Texas Instruments UC3578 Datasheet HTML 8Page - Texas Instruments UC3578 Datasheet HTML 9Page - Texas Instruments UC3578 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
UC2578
UC3578
UNITRODE CORPORATION
7 CONTINENTAL BLVD. • MERRIMACK, NH 03054
TEL. (603) 424-2410 FAX (603) 424-3460
0
5
10
15
20
25
30
0
10
203040
5060
7080
VCC (V)
-55°C
-25°C
25°C
85°C
125°C
Figure 3. ICC vs. VCC vs. temperature.
()
Pd
Qg
kHz
mA
VIN
=•
+
100
19
,
(3)
where Qg is the total MOSFET gate charge and 19mA is
the maximum quiescent current for the UC3578 (ICC +
IGG) from the data sheet. The switching frequency of the
buck converter is 100kHz.
The gate charge can be determined from the MOSFET
data sheet. As an example, for a IRFZ34 which has a to-
tal gate charge of 46nC, substituting for Pd in equation 3:
()
0 95
46
100
19
.
WnC
kHz
mA
VIN
=•
+
, and
()
V=
0.95W
0.0236A
= 40V
IN max
.
Therefore, at 70°C using a IRFZ34 MOSFET the maxi-
mum input voltage is limited to 40V to maintain a maxi-
mum junction temperature of 125°C in the 16 pin DP
package.
Higher input voltages can be achieved by choosing a
MOSFET with a lower total gate charge or by a reduced
ambient operating temperature or by reducing the theta
j-a of the package by improving the PCB mounting
method. It is recommended that the four GND pins (4, 5,
12 and 13) be connected to a ground plane to provide a
low resistance thermal path. If a ground plane is not
available, a heat spreader on a double sided PC board is
recommended.
Note: Thermal impedance number is based on device
mounted to 5 square inch FR4 PC board with one ounce
copper. From Unitrode 95-96 data book Table 1, page
9-8, when resistance range is given, lower thermal im-
pedance values are for 5 square inch aluminum PC
board.
ADDITIONAL INFORMATION
Please refer to the following Unitrode topic for additional
application information.
[1] Application Note U-167,
Design and Evaluation of a
48V to 5V Telecom Buck Converter using the UC3578
Control IC by Mark Dennis.
APPLICATION INFORMATION (cont.)
Not Recommended for New Designs


Podobny numer części - UC3578

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC3578 TI-UC3578 Datasheet
133Kb / 7P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
UC3578DP TI-UC3578DP Datasheet
133Kb / 7P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
UC3578N TI-UC3578N Datasheet
133Kb / 7P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
More results

Podobny opis - UC3578

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC2578 TI-UC2578 Datasheet
133Kb / 7P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
UC1573 TI-UC1573 Datasheet
136Kb / 5P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
UC2573D TI1-UC2573D Datasheet
1Mb / 12P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Refgulator
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6013 INTERSIL-HIP6013 Datasheet
103Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Linear Technology
LTC6992-2 LINER-LTC6992-2_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-4 LINER-LTC6992-4_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com