Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC3838 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części UC3838
Szczegółowy opis  MAGNETIC AMPLIFIER CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC3838 Arkusz danych(HTML) 3 Page - Texas Instruments

  UC3838 Datasheet HTML 1Page - Texas Instruments UC3838 Datasheet HTML 2Page - Texas Instruments UC3838 Datasheet HTML 3Page - Texas Instruments UC3838 Datasheet HTML 4Page - Texas Instruments UC3838 Datasheet HTML 5Page - Texas Instruments UC3838 Datasheet HTML 6Page - Texas Instruments UC3838 Datasheet HTML 7Page - Texas Instruments UC3838 Datasheet HTML 8Page - Texas Instruments UC3838 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
UC2838, UC2838A
UC3838, UC3838A
SLUS221A – APRIL 2000 – REVISED MAY 2001
3
www.ti.com
electrical characteristics, TA = –20°C to 85°C for the UC2838/A, and TA = 0°C to 70°C for the
UC3838/A, VCC = 20 V, VM = 5 V, TA = TJ, (unless otherwise stated)
reference
PARAMETER
TEST CONDITIONS
UC2838/UC2838A
UC3838/UC3838A
UNITS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Supply current
VCC = VM = 40 V
4
8
4
8
mA
Reference output
TA = 25°C
2.47
2.50
2.53
2.45
2.50
2.55
V
Line regulation
VCC = 5 V to 30 V
1
5
1
10
mV
Load regulation
IO = 0 mA to –2 mA
5
20
5
20
mV
Short-circuit current
VREF = 0 V
–30
–60
–30
–60
mA
Temperature stability
See Note 1
15
25
10
25
mV
NOTE: 1.These parameters are ensured by design but not 100% tested in production.
amplifier (each amplifier)
PARAMETER
TEST CONDITIONS
UC2838/UC2838A
UC3838/UC3838A
UNITS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Offset voltage
VCM = 2.5 V
5
10
mV
Input bias current
VIN = 0 V
–1
–1
µA
Input offset voltage
100
100
nA
Minimum output swing
0.4
18
0.4
18
V
Output sink current
VO = 5 V
1
10
30
1
10
30
mA
Output source current
VO = 0 V
–1
–10
–20
–1
–10
–20
mA
AVOL (open loop gain)
VO = 1 V to 11 V
100
120
100
120
dB
CMRR (common mode rejection ra-
tio)
VIN = 1 V to 11 V
70
80
70
80
dB
PSRR (power supply rejection ratio)
VCC = 10 V to 20 V
70
100
70
100
dB
Gain bandwidth
See Note 1
0.6
0.8
0.6
0.8
MHz
NOTE: 1.These parameters are ensured by design but not 100% tested in production.
reset drive
PARAMETER
TEST CONDITIONS
UC2838/UC2838A
UC3838/UC3838A
UNITS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Input leakage
VDR = 40 V
10
10
µA
Output leakage
VR = –120 V
–100
–100
µA
Input current
IR = –50 mA
–1
–2
–1
–2
mA
Maximum reset current
IDR = –3 mA
–100
–120
–200
–100
–120
–200
mA
Transconductance
IR = –10 mA to –50 mA
0.03
0.042
0.055
0.03
0.042
0.055
A/V


Podobny numer części - UC3838

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC3838A TI-UC3838A Datasheet
270Kb / 5P
[Old version datasheet]   Magnetic Amplifier Controller
More results

Podobny opis - UC3838

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC2838N TI-UC2838N Datasheet
343Kb / 11P
[Old version datasheet]   MAGNETIC AMPLIFIER CONTROLLER
UC1838A TI-UC1838A Datasheet
270Kb / 5P
[Old version datasheet]   Magnetic Amplifier Controller
logo
STMicroelectronics
AN904 STMICROELECTRONICS-AN904 Datasheet
39Kb / 3P
   MAGNETIC AMPLIFIER WITH LPR30 CONTROLLER
December 1997
logo
Advanced Micro Devices
AM95C95 AMD-AM95C95 Datasheet
295Kb / 6P
   Magnetic Disk Controller
logo
STMicroelectronics
L484 STMICROELECTRONICS-L484 Datasheet
442Kb / 11P
   MAGNETIC PICKUP IGNITION CONTROLLER
logo
Sanyou Corporation Limi...
SY33L SANYOU-SY33L Datasheet
515Kb / 3P
   Magnetic Magnetic
logo
Cirrus Logic
CS44800 CIRRUS-CS44800_06 Datasheet
1Mb / 80P
   8-Channel Digital Amplifier Controller
CS44600 CIRRUS-CS44600_06 Datasheet
1Mb / 76P
   6-Channel Digital Amplifier Controller
CS44600 CIRRUS-CS44600 Datasheet
744Kb / 78P
   6-Channel Digital Amplifier Controller
logo
NXP Semiconductors
TDA8929T PHILIPS-TDA8929T Datasheet
479Kb / 36P
   Controller class-D audio amplifier
2001 Dec 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com