Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA2SX Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części TDA2SX
Szczegółowy opis  ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
Download  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2SX Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TDA2SX Datasheet HTML 5Page - Texas Instruments TDA2SX Datasheet HTML 6Page - Texas Instruments TDA2SX Datasheet HTML 7Page - Texas Instruments TDA2SX Datasheet HTML 8Page - Texas Instruments TDA2SX Datasheet HTML 9Page - Texas Instruments TDA2SX Datasheet HTML 10Page - Texas Instruments TDA2SX Datasheet HTML 11Page - Texas Instruments TDA2SX Datasheet HTML 12Page - Texas Instruments TDA2SX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 426 page
background image
9
TDA2SX, TDA2SG
TDA2HG, TDA2HV, TDA2LF
www.ti.com
SPRS951A – DECEMBER 2015 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2HG TDA2HV TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2016, Texas Instruments Incorporated
4
Terminal Configuration and Functions
4.1
Terminal Assignment
Figure 4-1 shows the ball locations for the 760-ball plastic ball grid array (PBGA) package and are used in
conjunction with Table 4-2 through Table 4-29 to locate signal names and ball grid numbers.
Figure 4-1. ABC S-PBGA-N760 Package (Bottom View)
NOTE
The following balls are not connected: AF7 / AF10 / AF13 / AF16 / AF19 / AE4 / AE25 /
AB26 / W3 / W26 / T3 / T26 / N3 / N26 / K3 / K26 / G3 / D4 / D25 / C10 / C13 / C16 / C19 /
C22.
These balls do not exist on the package.
4.1.1
Unused Balls Connection Requirements
This section describes the Unused/Reserved balls connection requirements.
NOTE
The following balls are reserved: A27 / K14 / Y5 / Y10 / AA1 / AA2 / AB1 / AB2 / AC1 / AC2 /
B28
These balls must be left unconnected.
NOTE
All unused power supply balls must be supplied with the voltages specified in the
Section 5.4, Recommended Operating Conditions, unless alternative tie-off options are
included in Section 4.4, Signal Descriptions.
Table 4-1. Unused Balls Specific Connection Requirements
Balls
Connection Requirements
AE15 / AC15 / AE14 / D20 / AD17 / AC17 / AC16 / AB16 / V27
These balls must be connected to GND through an external pull
resistor if unused


Podobny numer części - TDA2SX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TDA2SX TI1-TDA2SX Datasheet
6Mb / 427P
[Old version datasheet]   TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2SXABC TI1-TDA2SXABC Datasheet
6Mb / 427P
[Old version datasheet]   TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2SXBTQABCRQ1 TI1-TDA2SXBTQABCRQ1 Datasheet
6Mb / 427P
[Old version datasheet]   TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2SX TI1-TDA2SX_V01 Datasheet
6Mb / 427P
[Old version datasheet]   TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
More results

Podobny opis - TDA2SX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TDA2SX TI1-TDA2SX_V01 Datasheet
6Mb / 427P
[Old version datasheet]   TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2P-ACD TI1-TDA2P-ACD_18 Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD_19 Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2PSX-ACD TI1-TDA2PSX-ACD Datasheet
5Mb / 454P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD Datasheet
5Mb / 457P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ABZ TI1-TDA2P-ABZ Datasheet
5Mb / 465P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABZ Package) Silicon Revision 1.0
TDA2EG TI1-TDA2EG Datasheet
4Mb / 393P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
TDA2-17 TI1-TDA2-17 Datasheet
4Mb / 377P
[Old version datasheet]   ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
TDA2HA-17 TI1-TDA2HA-17 Datasheet
5Mb / 380P
[Old version datasheet]   TDA2x ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
TDA2P-ABZ TI1-TDA2P-ABZ_19 Datasheet
5Mb / 464P
[Old version datasheet]   Applications Processor 23mm Package (ABZ Package) Silicon Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com