Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA2HGBDQABCRQ1 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części TDA2HGBDQABCRQ1
Szczegółowy opis  ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
Download  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2HGBDQABCRQ1 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TDA2HGBDQABCRQ1 Datasheet HTML 2Page - Texas Instruments TDA2HGBDQABCRQ1 Datasheet HTML 3Page - Texas Instruments TDA2HGBDQABCRQ1 Datasheet HTML 4Page - Texas Instruments TDA2HGBDQABCRQ1 Datasheet HTML 5Page - Texas Instruments TDA2HGBDQABCRQ1 Datasheet HTML 6Page - Texas Instruments TDA2HGBDQABCRQ1 Datasheet HTML 7Page - Texas Instruments TDA2HGBDQABCRQ1 Datasheet HTML 8Page - Texas Instruments TDA2HGBDQABCRQ1 Datasheet HTML 9Page - Texas Instruments TDA2HGBDQABCRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 426 page
background image
6
TDA2SX, TDA2SG
TDA2HG, TDA2HV, TDA2LF
SPRS951A – DECEMBER 2015 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2HG TDA2HV TDA2LF
Device Comparison
Copyright © 2015–2016, Texas Instruments Incorporated
3
Device Comparison
3.1
Device Comparison Table
Table 3-1 shows a comparison between devices, highlighting the differences.
Table 3-1. Device Comparison
Features
Device
TDA2Sxx
TDA2Hxx
TDA2LFx
TDA2SXx
TDA2SGx
TDA2HGx
TDA2HVx
Processors/Accelerators
Speed Grades
T
R
R, D
T, F
ARM Dual Cortex-A15
Microprocessor Subsystem
(MPU)
MPU core 0
Yes
Yes
Yes
MPU core 1
Yes
No
No
Yes
C66x VLIW DSP
DSP1
Yes
Yes
No
DSP2
Yes
Yes
No
BitBLT 2D Hardware
Acceleration Engine (BB2D)
BB2D
Yes
Yes
No
No
Display Subsystem
VOUT1
Yes
Yes
No
VOUT2
Yes
Yes
No
VOUT3
Yes
Yes
No
HDMI
Yes
Yes
No
Embedded Vision Engine (EVE)
EVE1
Yes
Yes
No
EVE2
Yes
Yes
No
EVE3
Yes
No
No
EVE4
Yes
No
No
ARM Dual Cortex-M4 Image
Processing Unit (IPU)
IPU1
Yes
Yes
Yes
IPU2
Yes
Yes
Yes
Image Video Accelarator
IVA
Yes
Yes
Yes
No
SGX544 Dual-Core 3D Graphics
Processing Unit
GPU
Yes
Yes
No
No
Video Input Port
(VIP)
VIP1
vin1a
Yes
Yes
No
vin1b
Yes
Yes
No
vin2a
Yes
Yes
No
vin2b
Yes
Yes
No
VIP2
vin3a
Yes
Yes
No
vin3b
Yes
Yes
No
vin4a
Yes
Yes
No
vin4b
Yes
Yes
No
VIP3
vin5a
Yes
Yes
No
vin6a
Yes
Yes
No
Video Processing Engine
VPE
Yes
Yes
No
Program/Data Storage
On-Chip Shared Memory (RAM)
OCMC_RAM1
512KB
512KB
512KB
OCMC_RAM2
1MB
1MB
1MB
OCMC_RAM3
1MB
1MB
1MB
General-Purpose Memory
Controller
GPMC
Yes
Yes
Yes
DDR2/DDR3 Memory Controller
(1)
EMIF1 (with
SECDEC)
up to 2GB
up to 2GB
up to 2GB
EMIF2
up to 2GB
up to 2GB
up to 2GB


Podobny numer części - TDA2HGBDQABCRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TDA2HGBDQAASQ1 TI1-TDA2HGBDQAASQ1 Datasheet
5Mb / 380P
[Old version datasheet]   TDA2x ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
TDA2HGBDQAASRQ1 TI1-TDA2HGBDQAASRQ1 Datasheet
5Mb / 380P
[Old version datasheet]   TDA2x ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
More results

Podobny opis - TDA2HGBDQABCRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TDA2SX TI1-TDA2SX_V01 Datasheet
6Mb / 427P
[Old version datasheet]   TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2P-ACD TI1-TDA2P-ACD_18 Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD_19 Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2PSX-ACD TI1-TDA2PSX-ACD Datasheet
5Mb / 454P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD Datasheet
5Mb / 457P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ABZ TI1-TDA2P-ABZ Datasheet
5Mb / 465P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABZ Package) Silicon Revision 1.0
TDA2EG TI1-TDA2EG Datasheet
4Mb / 393P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
TDA2-17 TI1-TDA2-17 Datasheet
4Mb / 377P
[Old version datasheet]   ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
TDA2HA-17 TI1-TDA2HA-17 Datasheet
5Mb / 380P
[Old version datasheet]   TDA2x ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
TDA2P-ABZ TI1-TDA2P-ABZ_19 Datasheet
5Mb / 464P
[Old version datasheet]   Applications Processor 23mm Package (ABZ Package) Silicon Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com