Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLYZ022 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części SLYZ022
Szczegółowy opis  10-MHz, Rail-to-Rail Input/Output, Low-Voltage
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SLYZ022 Arkusz danych(HTML) 1 Page - Texas Instruments

  SLYZ022 Datasheet HTML 1Page - Texas Instruments SLYZ022 Datasheet HTML 2Page - Texas Instruments SLYZ022 Datasheet HTML 3Page - Texas Instruments SLYZ022 Datasheet HTML 4Page - Texas Instruments SLYZ022 Datasheet HTML 5Page - Texas Instruments SLYZ022 Datasheet HTML 6Page - Texas Instruments SLYZ022 Datasheet HTML 7Page - Texas Instruments SLYZ022 Datasheet HTML 8Page - Texas Instruments SLYZ022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
-45
0
45
90
135
180
225
270
±20
0
20
40
60
80
100
120
1
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
VS = “2.75 V
VS = “0.9 V
C006
Phase
Gain
V
S = “2.75 V
V
S = “0.9 V
R
G
R
F
R
1
C
1
V
IN
V
OUT
= 1 +
V
V
OUT
IN
R
R
F
G
1
1 + sR C
1
1
(
((
(
1
2pR C
1
1
f
=
-
3 dB
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV316, TLV2316, TLV4316
SBOS752 – FEBRUARY 2016
TLVx316
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
1
1 Features
1
Unity-Gain Bandwidth: 10 MHz
Low IQ: 400 µA/ch
Excellent Power-to-Bandwidth Ratio
Stable IQ Over Temperature and Supply
Range
Wide Supply Range: 1.8 V to 5.5 V
Low Noise: 12 nV/
√Hz at 1 kHz
Low Input Bias Current: ±10 pA
Offset Voltage: ±0.75 mV
Unity-Gain Stable
Internal RFI/EMI Filter
Extended Temperature Range: –40°C to +125°C
2 Applications
Battery-Powered Instruments:
Consumer, Industrial, Medical
Notebooks, Portable Media Players
Sensor Signal Conditioning
Barcode Scanners
Active Filters
Audio
3 Description
The TLV316 (single), TLV2316 (dual), and TLV4316
(quad) devices comprise a family of general-purpose,
low-power operational amplifiers. Features such as
rail-to-rail input and output swings, low quiescent
current (400
μA/ch typical) combined with a wide
bandwidth of 10 MHz, and very-low noise (12 nV/
√Hz
at 1 kHz) make this family attractive for a variety of
applications that require a good balance between
cost and performance. The low input bias current
supports operational amplifiers that are used in
applications with megaohm source impedances.
The robust design of the TLV316 devices provides
ease-of-use to the circuit designer—a unity-gain
stable, integrated RFI/EMI rejection filter, no phase
reversal in overdrive condition, and high electrostatic
discharge (ESD) protection (4-kV HBM).
These
devices
are
optimized
for
low-voltage
operation as low as 1.8 V (±0.9 V) and up to 5.5 V
(±2.75 V). This latest addition of low-voltage CMOS
operational amplifiers to the portfolio, in conjunction
with the TLVx313 and TLVx314, offer a family of
bandwidth, noise, and power options to meet the
needs of a wide variety of applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV316
SC70 (5)
1.25 mm × 2.00 mm
SOT-23 (5)
1.60 mm × 2.90 mm
TLV2316
VSSOP (8)
3.00 mm × 3.00 mm
SOIC (8)
3.91 mm × 4.90 mm
TLV4316
TSSOP (14)
4.40 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Single-Pole, Low-Pass Filter
Low Supply Current (400 µA/Ch) for 10-MHz
Bandwidth


Podobny numer części - SLYZ022

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 27P
[Old version datasheet]   MAX3232 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 26P
[Old version datasheet]   SN74LVCH16244A 16-Bit Buffer/Driver With 3-State Outputs
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 36P
[Old version datasheet]   xx555 Precision Timers
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 26P
[Old version datasheet]   SN74LVCH16652A 16-Bit Bus Transceiver and Register with 3-State Outputs
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 31P
[Old version datasheet]   SNx4AHC244 Octal Buffers/Drivers With 3-State Outputs
More results

Podobny opis - SLYZ022

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
MCP6021 MICROCHIP-MCP6021_06 Datasheet
468Kb / 34P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2006
MCP6021 MICROCHIP-MCP6021 Datasheet
618Kb / 28P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2003
MCP6021 MICROCHIP-MCP6021_09 Datasheet
673Kb / 42P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2009
logo
Diodes Incorporated
APX321 DIODES-APX321 Datasheet
670Kb / 18P
   LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
logo
Texas Instruments
OPA316-Q1 TI1-OPA316-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
TLV316-Q1 TI1-TLV316-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
logo
ON Semiconductor
NCS20166 ONSEMI-NCS20166 Datasheet
1Mb / 13P
   Precision Operational Amplifier, Low Offset, 10MHz, Rail-to-Rail Input/Output
April, 2020 ??Rev. 0
logo
National Semiconductor ...
LMC6681 NSC-LMC6681 Datasheet
750Kb / 24P
   Low Voltage, Rail-To-Rail Input and Output CMOS
logo
Rohm
BD5291GWL ROHM-BD5291GWL Datasheet
1Mb / 28P
   Input/Output Rail to Rail Low Input Offset Voltage Operational Amplifier
02.Sep.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com