Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL5162 Arkusz danych(PDF) 3 Page - Zarlink Semiconductor Inc

Numer części SL5162
Szczegółowy opis  Multistandard VHF and UHF Television Demodulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZARLINK [Zarlink Semiconductor Inc]
Strona internetowa  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL5162 Arkusz danych(HTML) 3 Page - Zarlink Semiconductor Inc

  SL5162 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL5162 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL5162 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL5162 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL5162 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL5162 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL5162 Datasheet HTML 7Page - Zarlink Semiconductor Inc SL5162 Datasheet HTML 8Page - Zarlink Semiconductor Inc SL5162 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2
SL5162
ELECTRICAL CHARACTERISTICS
TAMB = 125°C (operating range 210°C to180°C), VCC = 15V, (operating range14·5 to15·5V). Max and Min values are
guaranteed by either production test or design. They apply within the specified temperature and supply voltage ranges unless
otherwise stated.
Supply Voltage
Supply current
Video Input
Video input level (VP)
Eff. white clip level (VC)
Input impedance
Video bandwidth 21 dB
2
3dB
Video SNR weighted
Differential gain
Differential phase
Line tilt (black level)
Clamp accuracy
Audio Input
Input impedance
Audio bandwidth (21dB)
Subcarrier frequency
FM THD
Intercarrier Input
Input level
FM Performance
Audio input for 100%
deviation (635kHz)
FM deviation sensitivity
Max frequency deviation
AM Performance Audio
Modulation depth
Audio SNR (wideband)
RF Output
Peak vision carrier:
SECAM (L)
PAL
Flatness band 470-860MHz
APLD
White Level, Nominal
Negative modulation
Sync Tip
Negative modulation
Positive modulation
Sync degradation (1ve mod)
Characteristic
Typ.
Conditions
4·5
0·5
10
25
60
15
4
250
.
46
12
45
1·0
1·17
100
62
6
2
6
2
25
0·5
140
100
0·7
80
83
84
17
100
6
1
5·5
53
1·5
6
5
6
5
0·5
5
7
1·0
2
6
2
22
Units
Min.
Max.
V
mA
Vp-p
Vp-p
V
k
MHz
MHz
dB
%
deg
%
mV
k
kHz
MHz
%
mVp-p
mVp-p
kHz/mV
kHz
%
dB
dB
µV
dB
µV
dB
%
%
%
%
%
VP = sync to white level, AGC disabled (note 1)
VP = sync to white level, AGC enabled
VC = sync to limit level (note 2)
Except for duration of clamp pulse
CCIR Rec 451-1 (note 3), mono sound system
Dependent upon video input clamp capacitor
VP=1·0V D (black level with and without input video)
Determined by external components.
In demodulated signal. Input signal =1 kHz sinewave
at 635kHz deviation
To define 222dBC (peak carrier)
At device input
Audio input 1kHz sinewave
No pre-emphasis, dependent on external
components
Input = 200mVp-p at 1kHz
VP = 1·0V, sync = 0·3V
Differential 75
Ω output
APL 10-90%
Relative to peak vision carrier (PVC), VP = 1·0V,
all systems (note 4)
All systems
Pin
Value
3, 12
3, 12
19
11
13
11
11
1, 2
1, 2
1,2
DSYNC1(16
3 3
100)
S
W
7
3
NOTES
1. This is the nominal input level to provide the preset video modulation index for the selected standard. Any variation from the
nominal level will change the RF modulation index.
2. The actual clip level is set relative to the input video level. The level of 1·17V only applies if the video input signal is correctly
proportioned. The white clip circuit operates only when the AGC is disabled.
3. Measured at CH38 with R&S EMFP demodulator and UAF Video Analyser.
4. Measured at CH21 with R&S EMFP reference demodulator and UAF Video Analyser. Synchronous demodulation.


Podobny numer części - SL5162

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SL510 MCC-SL510 Datasheet
442Kb / 3P
   High Surge forward current capability
SL510 MCC-SL510 Datasheet
451Kb / 3P
   5 Amp Low VF Schottky Rectifier 40~100 Volts
logo
DAESAN ELECTRONIC CORP.
SL510 DAESAN-SL510 Datasheet
282Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SL5100 LEIDITECH-SL5100 Datasheet
278Kb / 3P
   5.0Amp Surfacs Mounted Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
SL510AFL MCC-SL510AFL Datasheet
503Kb / 3P
   5.0 Amp Low VF Schottky Rectifiers 40 to 100 Volts
More results

Podobny opis - SL5162

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
UV1315 ETC1-UV1315 Datasheet
951Kb / 14P
   VHF/UHF television tuner
logo
NXP Semiconductors
TDA8349A PHILIPS-TDA8349A Datasheet
108Kb / 17P
   Multistandard IF amplifier and demodulator
February 1991
TDA8340 PHILIPS-TDA8340 Datasheet
111Kb / 14P
   Television IF amplifier and demodulator
November 1987
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
TDA4455 TEMIC-TDA4455 Datasheet
158Kb / 12P
   Multistandard VIF Amplifier and PLL Demodulator
logo
STMicroelectronics
STV8203 STMICROELECTRONICS-STV8203 Datasheet
192Kb / 31P
   MULTISTANDARD TV SOUND DEMODULATOR
logo
NXP Semiconductors
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
logo
STMicroelectronics
STV82X6 STMICROELECTRONICS-STV82X6 Datasheet
1Mb / 95P
   Multistandard TV Audio Processor and Digital Sound Demodulator
STV8206 STMICROELECTRONICS-STV8206 Datasheet
1Mb / 97P
   Multistandard TV Audio Processor and Digital Sound Demodulator
logo
NXP Semiconductors
TDA2549 PHILIPS-TDA2549 Datasheet
83Kb / 9P
   I.F. amplifier and demodulator for multistandard TV receivers
April 1985
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com