Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL5162KGMP1S Arkusz danych(PDF) 2 Page - Zarlink Semiconductor Inc

Numer części SL5162KGMP1S
Szczegółowy opis  Multistandard VHF and UHF Television Demodulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZARLINK [Zarlink Semiconductor Inc]
Strona internetowa  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL5162KGMP1S Arkusz danych(HTML) 2 Page - Zarlink Semiconductor Inc

  SL5162KGMP1S Datasheet HTML 1Page - Zarlink Semiconductor Inc SL5162KGMP1S Datasheet HTML 2Page - Zarlink Semiconductor Inc SL5162KGMP1S Datasheet HTML 3Page - Zarlink Semiconductor Inc SL5162KGMP1S Datasheet HTML 4Page - Zarlink Semiconductor Inc SL5162KGMP1S Datasheet HTML 5Page - Zarlink Semiconductor Inc SL5162KGMP1S Datasheet HTML 6Page - Zarlink Semiconductor Inc SL5162KGMP1S Datasheet HTML 7Page - Zarlink Semiconductor Inc SL5162KGMP1S Datasheet HTML 8Page - Zarlink Semiconductor Inc SL5162KGMP1S Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SL5162
Multistandard VHF and UHF Television Demodulator
Supersedes September 1996 edition, DS4497-2.1
DS4497-3.0 September 1998
The SL5162 multistandard modulator up-converts a
baseband video signal with separate audio frequency input
on to a VHF or UHF carrier up to 860MHz. It provides RF
signals with negative or positive video modulation and AM
or FM sound subcarrier to satisfy both PAL/NTSC and
SECAM applications.
The on-chip local oscillator uses an external resonator
tank which may be controlled via any Mitel 1.3GHz
synthesiser. Selection of both video and sound standards
are provided by level switching of a single pin.
A video AGC circuit is provided to ensure constant
modulation depth. In PAL mode this may be disabled and
a white clip circuit switched in to prevent overmodulation if
desired.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
RF1
RF2
VCC2
LOIN1
LOOP1
LOOP2
LOIN2
VEE2
ST1
ST2
AGC
VIDEO
TSG
VEE1
OP2
OP1
MSS
SUB2
VCC1
AUDIO
SL5162
MP20
Figure 1 Pin connections – top view
FEATURES
s Covers both Negative and Positive Modulation Sys-
tems
s Internal AGC with Disable
s Control of Sound and Video Standard via Single Pin
s Symmetrical 75
ΩRF Outputs for Low Radiation
s Audio Input with AM/FM Sound Modulator
s Switchable Video Test Signal Generator (TSG)
s Intercarrier Input for Second Sound Channel
s ESD Protection
2
55
°C to1150°C
2
20
°C to1150°C
2
10
°C to180°C
2
0·3V to17·0 V
2
0·3V to17·0V
ABSOLUTE MAXIMUM RATINGS
Storage temperature
Junction temperature
Ambient temperature
Supply Voltage
Voltage at any other pin
ORDERING INFORMATION
SL5162/KG/MP1S Miniature plastic package
SL5162/KG/MP1T Tape and reel
MIXER
DRIVER
FM/AM
SELECT
OFFSET
ADJUST
UHF
MIXER
AUDIO OSC
FM
AGC
AGC
CLIP
CLAMP
75
VIDEO
INPUT
UHF
OSC
5
6
4
7
13
19
20
UHF
TANK
SUBCARRIER 2
12
PRESCALER OUTPUTS
15
16
MODULATED
OUTPUTS
9
10
SOUND
TANK
11
AUDIO
INPUT
14
MODE
SELECT
TSG
ENABLE
CLIP
LOGIC
TSG
18
Figure 2 Block diagram


Podobny numer części - SL5162KGMP1S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SL510 MCC-SL510 Datasheet
442Kb / 3P
   High Surge forward current capability
SL510 MCC-SL510 Datasheet
451Kb / 3P
   5 Amp Low VF Schottky Rectifier 40~100 Volts
logo
DAESAN ELECTRONIC CORP.
SL510 DAESAN-SL510 Datasheet
282Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SL5100 LEIDITECH-SL5100 Datasheet
278Kb / 3P
   5.0Amp Surfacs Mounted Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
SL510AFL MCC-SL510AFL Datasheet
503Kb / 3P
   5.0 Amp Low VF Schottky Rectifiers 40 to 100 Volts
More results

Podobny opis - SL5162KGMP1S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
UV1315 ETC1-UV1315 Datasheet
951Kb / 14P
   VHF/UHF television tuner
logo
NXP Semiconductors
TDA8349A PHILIPS-TDA8349A Datasheet
108Kb / 17P
   Multistandard IF amplifier and demodulator
February 1991
TDA8340 PHILIPS-TDA8340 Datasheet
111Kb / 14P
   Television IF amplifier and demodulator
November 1987
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
TDA4455 TEMIC-TDA4455 Datasheet
158Kb / 12P
   Multistandard VIF Amplifier and PLL Demodulator
logo
STMicroelectronics
STV8203 STMICROELECTRONICS-STV8203 Datasheet
192Kb / 31P
   MULTISTANDARD TV SOUND DEMODULATOR
logo
NXP Semiconductors
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
logo
STMicroelectronics
STV82X6 STMICROELECTRONICS-STV82X6 Datasheet
1Mb / 95P
   Multistandard TV Audio Processor and Digital Sound Demodulator
STV8206 STMICROELECTRONICS-STV8206 Datasheet
1Mb / 97P
   Multistandard TV Audio Processor and Digital Sound Demodulator
logo
NXP Semiconductors
TDA2549 PHILIPS-TDA2549 Datasheet
83Kb / 9P
   I.F. amplifier and demodulator for multistandard TV receivers
April 1985
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com