Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC1910 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części UC1910
Szczegółowy opis  4-Bit DAC and Voltage Monitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC1910 Arkusz danych(HTML) 3 Page - Texas Instruments

  UC1910 Datasheet HTML 1Page - Texas Instruments UC1910 Datasheet HTML 2Page - Texas Instruments UC1910 Datasheet HTML 3Page - Texas Instruments UC1910 Datasheet HTML 4Page - Texas Instruments UC1910 Datasheet HTML 5Page - Texas Instruments UC1910 Datasheet HTML 6Page - Texas Instruments UC1910 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UC1910
UC2910
UC3910
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Monitor Circuitry (Note 2) (cont.)
VSENSE OVP Threshold Voltage
Code 0, Ratio = 0.45
3.937
4.025
4.113
V
Code 0, Ratio = 0.9
4.41
4.55
4.69
V
Code 15, Ratio = 0.45
2.235
2.3
2.365
V
Code 15, Ratio = 0.9
2.505
2.6
2.695
V
OV, UV Comparator Hysteresis
Code 0, Ratio = 0.9
70
88
120
mV
Code 15, Ratio = 0.45
15
25
40
mV
OVP Comparator Hysteresis
Code 0, Ratio = 0.9
160
218
300
mV
Code 15, Ratio = 0.45
40
62
85
mV
Input Common Mode Range
OV, UV, OVP Comparators
0
5
V
Propagation Delay
OV, UV Comparators
5
µs
OVP Comparator
5
µs
PWRGOOD, OVP, OVPB Outputs
PWRGOOD Voltage Low
IPWRGOOD = 10mA
0.4
V
OVP Sourcing Current
VOVP = 1.4V
65
mA
OVPB Voltage Low
IOVPB = 1mA
0.4
V
ELECTRICAL CHARACTERISTICS (cont.) Unless otherwise specified, VCC = 12V, VSENSE = 3.5V, VOVTH/UVTH =
1.26V, VD0 = VD1 = VD2 = VD3 = 0V, 0°C < TA < 70°C for the UC3910, –25°C < TA < 80°C for the UC2910, –55°C < TA < 125°C for
the UC1910 TA = TJ.
D0-D3 (DAC Digital Input Control Codes): These are
the DAC digital input control codes, with D0 repre-
senting the least significant bit (LSB) and D3, the most
significant bit (MSB) (See Table 1). A bit is set low by
being connected to GND; a bit is set high by floating it,
or connecting it to a 3V to 5V voltage source. Each con-
trol pin is pulled up to approximately 4.8V by an internal
40
µA current source.
DACBUF (Buffered DACOUT Voltage): This pin pro-
vides a buffered version of the DACOUT voltage to al-
low external programming of the OV/UV thresholds (see
OVTH/UVTH below).
DACOUT (Digital-to-Analog Converter Output Volt-
age): This pin is the output of the 4-bit digital to analog
(DAC) converter. Setting all input control codes low pro-
duces 3.5V at DACOUT; setting all codes high pro-
duces 2.0V at DACOUT. The LSB step size (i.e.
resolution) is 100mV (See Table 1). The DACOUT
source impedance is typically 3k
Ω and must therefore
drive a high impedance input. Bypass DACOUT at the
driven input with a 0.01
µF, low ESR, low ESL capacitor
for best circuit noise immunity.
GND (Signal Ground): All voltages are measured with
respect to GND. The two GND pins are connected to-
gether internally but should also be connected exter-
nally using a short PC board trace. Bypass capacitors
on the VCC and VREF pins should be connected di-
rectly to the ground plane near one of the signal ground
PIN DESCRIPTIONS
Note 1: "Line, Load" implies that the parameter is tested at all combinations of the conditions:
10.8V < VCC < 13.2V, –2mA < IVREF < 0mA.
Note 2: These are the actual voltages on VSENSE which will cause the OVPB and PWRGOOD outputs to switch, assuming the
DACOUT voltage is perfect. These limits apply for 0°C < TA < 70°C.
Note 3: "Code 0" means pins D0 - D4 are all low; "Code 15" means they are all floating or high (See Table 1). "Ratio" is the divider
ratio of the resistor string between DACBUF and OVTH/UVTH (See Figure 1).
Decimal
Code
D3
D2
D1
D0
DACOUT
Voltage
15
1111
2.0
14
1110
2.1
13
1101
2.2
12
1100
2.3
11
1011
2.4
10
1010
2.5
91001
2.6
81000
2.7
70111
2.8
60110
2.9
50101
3.0
40100
3.1
30011
3.2
20010
3.3
10001
3.4
00000
3.5
Table 1. Programming the DACOUT Voltage
3


Podobny numer części - UC1910

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1910 TI-UC1910 Datasheet
222Kb / 6P
[Old version datasheet]   4-Bit DAC and Voltage Monitor
More results

Podobny opis - UC1910

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1910 TI-UC1910 Datasheet
222Kb / 6P
[Old version datasheet]   4-Bit DAC and Voltage Monitor
logo
Analog Devices
AD5753 AD-AD5753 Datasheet
2Mb / 72P
   Single-Channel, 16-Bit Current and Voltage DAC
logo
Summit Microelectronics...
SMM153 SUMMIT-SMM153_10 Datasheet
230Kb / 18P
   10-bit Digital Differential Voltage and Current Monitor
SMM153 SUMMIT-SMM153 Datasheet
330Kb / 17P
   10-bit Digital Differential Voltage and Current Monitor
logo
Analog Devices
AD7846 AD-AD7846 Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
AD5758 AD-AD5758 Datasheet
2Mb / 72P
   Single-Channel, 16-Bit Current and Voltage Output DAC
AD7294 AD-AD7294 Datasheet
682Kb / 45P
   12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
Rev. PrB
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
   Temperature and voltage monitor
August 2008
logo
Analog Devices
AD7846 AD-AD7846_10 Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com