Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC3842ADW Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części UC3842ADW
Szczegółowy opis  Current-Mode PWM Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC3842ADW Arkusz danych(HTML) 3 Page - Texas Instruments

  UC3842ADW Datasheet HTML 1Page - Texas Instruments UC3842ADW Datasheet HTML 2Page - Texas Instruments UC3842ADW Datasheet HTML 3Page - Texas Instruments UC3842ADW Datasheet HTML 4Page - Texas Instruments UC3842ADW Datasheet HTML 5Page - Texas Instruments UC3842ADW Datasheet HTML 6Page - Texas Instruments UC3842ADW Datasheet HTML 7Page - Texas Instruments UC3842ADW Datasheet HTML 8Page - Texas Instruments UC3842ADW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
Not to scale
4
NC
5
FB
6
NC
7
ISENSE
8
NC
14
NC
15
OUTPUT
16
NC
17
VC
18
VCC
Not to scale
1
NC
16
NC
2
NC
15
VREF
3
COMP
14
VCC
4
FB
13
VCC
5
ISENSE
12
OUTPUT
6
RT/CT
11
GND
7
NC
10
PGND
8
NC
9
NC
Not to scale
1
COMP
14
VREF
2
NC
13
NC
3
FB
12
VCC
4
NC
11
VC
5
ISENSE
10
OUTPUT
6
NC
9
GND
7
RT/CT
8
PGND
Not to scale
1
COMP
8
VREF
2
FB
7
VCC
3
ISENSE
6
OUTPUT
4
RT/CT
5
GND
3
UC1842A, UC1843A, UC1844A, UC1845A
UC2842A, UC2843A, UC2844A, UC2845A
UC3842A, UC3843A, UC3844A, UC3845A
www.ti.com
SLUS224E – SEPTEMBER 1994 – REVISED JULY 2016
Product Folder Links: UC1842A UC1843A UC1844A UC1845A UC2842A UC2843A UC2844A UC2845A UC3842A
UC3843A UC3844A UC3845A
Submit Documentation Feedback
Copyright © 1994–2016, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
UVLO ON
UVLO OFF
MAX DUTY CYCLE
UC1842A
16 V
10 V
<100%
UC1843A
8.4 V
7.6 V
<100%
UC1844A
16 V
10 V
<50%
UC1845A
8.4 V
7.6 V
<50%
6 Pin Configuration and Functions
CDIP, PDIP, and SOIC Packages
8-Pin JG, P, and D
Top View
LCCC and PLCC Packages
20-Pin FK and FN
Top View
SOIC Package
14-Pin D
Top View
SOIC Package
16-Pin DW
Top View


Podobny numer części - UC3842ADW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC3842ADW TI-UC3842ADW Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
UC3842ADW TI1-UC3842ADW Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
UC3842ADWG4 TI1-UC3842ADWG4 Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
UC3842ADWTR TI-UC3842ADWTR Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
More results

Podobny opis - UC3842ADW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com