Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8260TW Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części TDA8260TW
Szczegółowy opis  Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8260TW Arkusz danych(HTML) 4 Page - NXP Semiconductors

  TDA8260TW Datasheet HTML 1Page - NXP Semiconductors TDA8260TW Datasheet HTML 2Page - NXP Semiconductors TDA8260TW Datasheet HTML 3Page - NXP Semiconductors TDA8260TW Datasheet HTML 4Page - NXP Semiconductors TDA8260TW Datasheet HTML 5Page - NXP Semiconductors TDA8260TW Datasheet HTML 6Page - NXP Semiconductors TDA8260TW Datasheet HTML 7Page - NXP Semiconductors TDA8260TW Datasheet HTML 8Page - NXP Semiconductors TDA8260TW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2004 Sep 03
4
Philips Semiconductors
Product specification
Satellite Zero-IF QPSK/8PSK
downconverter with PLL synthesizer
TDA8260TW
BLOCK DIAGRAM
handbook, full pagewidth
25
13
12
17
26
6
27
15
24
11
10
7
8
31
28
3
4
9
AGC
CONTROL
VCO
fDIV
fXTAL
fCOMP
FAST PHASE/
FREQUENCY
COMPARATOR
DIGITAL PHASE
COMPARATOR
REFERENCE
DIVIDER
POWER-ON
RESET
CONTROL LOGIC
AND LATCH
OSCILLATOR
CHARGE PUMP
DIVIDE-BY-4
15-BIT DIVIDER
33 V
AMP
14
16
23
21
22
20
19
18
38
33
34
5
I
Q
integrated
oscillator
29
30
2
1
I2C-BUS
36
37
32
35
TDA8260TW
MGU790
XTOUT
SDA
SCL
AS
CP
VT
BVS
VCC(VCO)
TKA
TKB
VCOGND
CAP1 CAP2
IOUT
BBGND2
IBBIN
n.c.
IBBOUT
IIN
XT1
XT2
VCC(PLL)
PLLGND
AGCIN
BIASN
RFGND1
VCC(RF)
RFA
RFB
RFGND2
LP1 LP2
QOUT
BBGND1
QBBIN
VCC(BB)
QBBOUT
QIN
Fig.1 Block diagram.


Podobny numer części - TDA8260TW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
TDA8262HN NXP-TDA8262HN Datasheet
166Kb / 30P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
TDA8263HN NXP-TDA8263HN Datasheet
159Kb / 28P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
More results

Podobny opis - TDA8260TW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
TDA8060TS PHILIPS-TDA8060TS Datasheet
539Kb / 16P
   Satellite ZERO-IF QPSK down-converter
1999 Aug 30
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
   Satellite Zero IF QPSK Tuner IC
logo
NXP Semiconductors
TDA8060ATS PHILIPS-TDA8060ATS Datasheet
87Kb / 16P
   Satellite ZERO-IF QPSK down-converter
2000 Nov 10
logo
STMicroelectronics
STV6110A STMICROELECTRONICS-STV6110A Datasheet
51Kb / 5P
   8PSK/QPSK low-power 3.3 V satellite tuner IC
STV6111 STMICROELECTRONICS-STV6111 Datasheet
56Kb / 4P
   8PSK/QPSK low-power 3.3-V satellite tuner IC
STV6120 STMICROELECTRONICS-STV6120 Datasheet
59Kb / 4P
   8PSK/QPSK low-power 3.3-V dual wide-band satellite tuner IC
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
   8PSK/QPSK direct conversion tuner IC
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
   8PSK/QPSK direct conversion tuner IC
logo
Fujitsu Component Limit...
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
   IF Band PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com