Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ULN2004AIDR Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części ULN2004AIDR
Szczegółowy opis  HIGH-VOLTAGE HIGH CURRENT DARLINTON TRANSISOR ARRAY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ULN2004AIDR Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ULN2004AIDR Datasheet HTML 3Page - Texas Instruments ULN2004AIDR Datasheet HTML 4Page - Texas Instruments ULN2004AIDR Datasheet HTML 5Page - Texas Instruments ULN2004AIDR Datasheet HTML 6Page - Texas Instruments ULN2004AIDR Datasheet HTML 7Page - Texas Instruments ULN2004AIDR Datasheet HTML 8Page - Texas Instruments ULN2004AIDR Datasheet HTML 9Page - Texas Instruments ULN2004AIDR Datasheet HTML 10Page - Texas Instruments ULN2004AIDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ULN2004AI
HIGHVOLTAGE HIGHCURRENT DARLINGTON
TRANSISTOR ARRAY
SLRS055 − APRIL 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 11
COLLECTOR-EMITTER
SATURATION VOLTAGE
vs
COLLECTOR CURRENT
(ONE DARLINGTON)
0
IC − Collector Current − mA
2.5
800
0
100
200
300
400
500
600
700
0.5
1
1.5
2
II = 350 µA
II = 500 µA
TA = 25°C
II = 250 µA
2
1.5
1
0.5
700
600
500
400
300
200
100
0
800
2.5
IC(tot) − Total Collector Current − mA
0
COLLECTOR-EMITTER
SATURATION VOLTAGE
vs
TOTAL COLLECTOR CURRENT
(TWO DARLINGTONS IN PARALLEL)
II = 250 µA
II = 350 µA
II = 500 µA
TA = 25°C
Figure 12
COLLECTOR CURRENT
vs
INPUT CURRENT
0
II − Input Current − µA
500
200
0
25
50
75
100
125
150
175
50
100
150
200
250
300
350
400
450
VS = 10 V
VS = 8 V
RL = 10 Ω
TA = 25°C
Figure 13


Podobny numer części - ULN2004AIDR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ULN2004AIDR TI-ULN2004AIDR Datasheet
417Kb / 13P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2004AIDRE4 TI-ULN2004AIDRE4 Datasheet
417Kb / 13P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
More results

Podobny opis - ULN2004AIDR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
ULN2012 UTC-ULN2012 Datasheet
186Kb / 6P
   HIGH VOLTAGE HIGH CURRENT DARLINGTON ARRAY
logo
Allegro MicroSystems
7003 ALLEGRO-7003 Datasheet
144Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAY
logo
Micrel Semiconductor
MIC2803 MICREL-MIC2803 Datasheet
29Kb / 3P
   High-Voltage High-Current Darlington Array
logo
Rohm
BA12003B ROHM-BA12003B_V01 Datasheet
1Mb / 19P
   7 Circuits Darlinton Transistor Array
12.May.2015 Rev.002
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
logo
Texas Instruments
ULN2001A TI-ULN2001A_07 Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Micrel Semiconductor
MIC2981 MICREL-MIC2981_05 Datasheet
444Kb / 4P
   High-Voltage High-Current Source Driver Array
logo
Texas Instruments
UCD2003B TI1-UCD2003B Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Array
ULN2804A TI1-ULN2804A Datasheet
121Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Sanyo Semicon Device
LB1231 SANYO-LB1231 Datasheet
81Kb / 4P
   High-Voltage, High- Current Darlington Transistor Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com