Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5331 Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części FAN5331
Szczegółowy opis  1.6MHz Boost Converter with 20V Integrated FET Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5331 Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5331 Datasheet HTML 2Page - Fairchild Semiconductor FAN5331 Datasheet HTML 3Page - Fairchild Semiconductor FAN5331 Datasheet HTML 4Page - Fairchild Semiconductor FAN5331 Datasheet HTML 5Page - Fairchild Semiconductor FAN5331 Datasheet HTML 6Page - Fairchild Semiconductor FAN5331 Datasheet HTML 7Page - Fairchild Semiconductor FAN5331 Datasheet HTML 8Page - Fairchild Semiconductor FAN5331 Datasheet HTML 9Page - Fairchild Semiconductor FAN5331 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.fairchildsemi.com
FAN5331 Rev. 1.0.1
discontinuous conduction mode due to the automatic turn-off of
the switching transistor, resulting in higher ripple and reduced
efficiency.
Some recommended inductors are suggested in the table
below:
Table 1: Recommended Inductors
Capacitors Selection
For best performance, low ESR input and output capacitors are
required. Ceramic capacitors in the range 4.7µF to 10µF, placed
as close to the IC pins, are recommended for the lower input
and output ripple. The output capacitor voltage rating should be
according to the VOUT setting.
A feed forward capacitor CF, is required for stability. The recom-
mended value (R1 x CF) is around 18µS. Some capacitors are
suggested in the table below.
Table 2: Recommended Capacitors
Diode Selection
The external diode used for rectification is usually a Schottky
diode. Its average forward current and reverse voltage maxi-
mum ratings should exceed the load current and the voltage at
the output of the converter respectively. A barrier Schottky diode
such as BAT54 is preferred, due to its lower reverse current over
the temperature range.
Care should be taken to avoid any short circuit of VOUT to GND,
even with the IC disabled, since the diode can be instantly dam-
aged by the excessive current.
Thermal Shutdown
When the die temperature exceeds 150°C, a reset occurs and
will remain in effect until the die cools to 130°C, at that time the
circuit will be allowed to restart.
PCB Layout Recommendations
The inherently high peak currents and switching frequency of
power supplies require careful PCB layout design. Therefore,
use wide traces for high current paths and place the input
capacitor, the inductor, and the output capacitor as close as
possible to the integrated circuit terminals. The resistor divider
that sets the output voltage should be routed away from the
inductor to avoid RF coupling. A four layer PCB with at least one
ground plane connected to the pin 2 of the IC is recommended.
This ground plane acts as an electromagnetic shield to reduce
EMI and parasitic coupling between components.
Figure 5. Recommended Layout
Application Examples
1. LED Driver
One or more serial LED strings can be driven with a constant
current, set by the series resistor, given by
Figure 6. Low Noise Boost LED Driver
Inductor
Value
Vendor
Part Number
Comment
10µH
Panasonic
ELL6GM100M
Lower Profile
(1.6mm)
10µH
Murata
LQS66SN100M03L
Highest
Efficiency
10µH
Coilcraft
DO1605T-103Mx
Small Size
Capacitor
Value
Vendor
Part Number
4.7µF
Panasonic
ECJ3YB1C475K
4.7µF
Murata
GRM31CR61C475
I
LED
1.23V
R1
----------------
=
SHDN
VIN
VOUT
R1
R2
GND
V
IN
FB
SW
CIN
10µH
1
3
2
4
5
4.7
µF
COUT
L
BAT54
4.7
µF
2.7V to 5.5V
ON
OFF
2.53.0
3.54.0
4.55.0
5.5
6.0
19.7
19.8
19.9
20.0
20.1
20.2
Input Voltage (V)
LED Current vs Input Voltage
(String Connected to FB Pin)


Podobny numer części - FAN5331

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331 Datasheet
582Kb / 10P
   High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
logo
ON Semiconductor
FAN5331 ONSEMI-FAN5331 Datasheet
754Kb / 11P
   High Efficiency Serial LED Driver and OLED Supply
August 2005 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331_05 Datasheet
582Kb / 10P
   High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
More results

Podobny opis - FAN5331

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS1935 TSC-TS1935 Datasheet
391Kb / 8P
   1.6MHz Boost Converter with 30V Internal FET Switch
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
   Boost Converter with Integrated FET
logo
Texas Instruments
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
[Old version datasheet]   INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
logo
Shenzhen Huazhimei Semi...
HM5168 HMSEMI-HM5168 Datasheet
1Mb / 19P
   20V, 14A fully integrated synchronous boost converter
logo
Fairchild Semiconductor
FAN5336 FAIRCHILD-FAN5336_07 Datasheet
645Kb / 10P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
FAN5336 FAIRCHILD-FAN5336 Datasheet
697Kb / 9P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
logo
Analog Microelectronics
AME5143 AME-AME5143 Datasheet
186Kb / 15P
   1.4MHz Boost Converter With 30V Internal FET Switch
logo
Integrated Silicon Solu...
IS31PW3500 ISSI-IS31PW3500 Datasheet
261Kb / 8P
   1.1MHZ BOOST CONVERTER WITH 30V INTERNAL FET SWITCH
logo
Texas Instruments
LP8543 TI-LP8543 Datasheet
1Mb / 40P
[Old version datasheet]   High-Voltage DC/DC Boost Converter With Integrated FET
logo
Analog Microelectronics
AME5140 AME-AME5140 Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com