Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA3608TH Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części TDA3608TH
Szczegółowy opis  Multiple voltage regulators with switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3608TH Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button TDA3608TH Datasheet HTML 7Page - NXP Semiconductors TDA3608TH Datasheet HTML 8Page - NXP Semiconductors TDA3608TH Datasheet HTML 9Page - NXP Semiconductors TDA3608TH Datasheet HTML 10Page - NXP Semiconductors TDA3608TH Datasheet HTML 11Page - NXP Semiconductors TDA3608TH Datasheet HTML 12Page - NXP Semiconductors TDA3608TH Datasheet HTML 13Page - NXP Semiconductors TDA3608TH Datasheet HTML 14Page - NXP Semiconductors TDA3608TH Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
2003 Nov 28
11
Philips Semiconductors
Product specification
Multiple voltage regulators with switch
TDA3608Q; TDA3608TH
Regulator 1; IREG1 = 5 mA; unless otherwise specified
VREG1(off)
output voltage with
regulator off
1
400
mV
VREG1
output voltage
1 mA
≤ I
REG1 ≤ 600 mA
8.15
8.5
8.85
V
9.5 V
≤ V
P ≤ 18 V
8.15
8.5
8.85
V
∆V
line
line regulation
9.5 V
≤ V
P ≤ 18 V
275
mV
∆Vload
load regulation
1 mA
≤ I
REG1 ≤ 600 mA
20
50
mV
Iq
quiescent current
IREG1 = 600 mA
25
60
mA
SVRR
supply voltage ripple
rejection
fi = 3 kHz; Vi = 2 V (p-p)
60
70
dB
Vdrop
dropout voltage
VP = 8.5 V; IREG1 = 550 mA;
note 7
0.4
0.7
V
Im
current limit
VREG1 > 7.5 V; see Fig.8; note 8 0.65
1.2
A
Isc
short-circuit current
RL ≤ 0.5 Ω; see Fig.8; note 9
250
800
mA
Regulator 2; IREG2 = 5 mA; unless otherwise specified
VREG2
output voltage
0.5 mA
≤ IREG2 ≤ 150 mA
4.75
5.0
5.25
V
IREG2 = 300 mA; note 10
4.75
5.0
5.25
V
7V
≤ V
P ≤ 18 V
4.75
5.0
5.25
V
18 V
≤ V
P ≤ 50 V;
IREG2 ≤ 150 mA
4.75
5.0
5.25
V
∆V
line
line regulation
6 V
≤ VP ≤ 18 V
250
mV
18 V
≤ V
P ≤ 50 V
15
75
mV
∆Vload
load regulation
1 mA
≤ IREG2 ≤ 150 mA
20
50
mV
1mA
≤ I
REG2 ≤ 300 mA
−−
100
mV
SVRR
supply voltage ripple
rejection
fi = 3 kHz; Vi = 2 V (p-p)
60
70
dB
Vdrop
dropout voltage
normal supply; note 7
VP = 4.75 V; IREG2 = 100 mA
0.4
0.6
V
VP = 5.75 V; IREG2 = 200 mA
0.8
1.2
V
backup supply; note 11
VBU = 4.75 V; IREG2 = 100 mA −
0.2
0.5
V
VBU = 5.75 V; IREG2 = 200 mA −
0.8
1.0
V
Im
current limit
VREG2 > 4.5 V; see Fig.9; note 8 0.32
0.37
A
Isc
short-circuit current
RL ≤ 0.5 Ω; see Fig.9; note 9
20
100
mA
Regulator 3; IREG3 = 5 mA; unless otherwise specified
VREG3(off)
output voltage with
regulator off
1
400
mV
VREG3
output voltage
1 mA
≤ IREG3 ≤ 400 mA
4.75
5.0
5.25
V
7V
≤ VP ≤ 18 V
4.75
5.0
5.25
V
∆Vline
line regulation
7 V
≤ VP ≤ 18 V
250
mV
∆V
load
load regulation
1 mA
≤ IREG3 ≤ 400 mA
20
50
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Podobny numer części - TDA3608TH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA3608 PHILIPS-TDA3608 Datasheet
123Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 14
TDA3608Q PHILIPS-TDA3608Q Datasheet
123Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 14
More results

Podobny opis - TDA3608TH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA3604Q PHILIPS-TDA3604Q Datasheet
129Kb / 20P
   Multiple voltage regulators with external reset delay and switch
1997 Aug 21
TDA3601Q PHILIPS-TDA3601Q Datasheet
84Kb / 12P
   Multiple output voltage regulators
1995 Dec 13
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
logo
Freescale Semiconductor...
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
logo
NXP Semiconductors
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3605Q PHILIPS-TDA3605Q Datasheet
122Kb / 16P
   Multiple voltage regulator with switch
1997 Jul 09
TDA3608Q PHILIPS-TDA3608Q Datasheet
123Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 14
TDA3618AJR PHILIPS-TDA3618AJR Datasheet
121Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
2001 May 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com