Zakładka z wyszukiwarką danych komponentów |
|
MAX232ECNE4 Arkusz danych(PDF) 5 Page - Texas Instruments |
|
|
MAX232ECNE4 Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 27 page 5 MAX232E www.ti.com SLLS723C – APRIL 2006 – REVISED AUGUST 2016 Product Folder Links: MAX232E Submit Documentation Feedback Copyright © 2006–2016, Texas Instruments Incorporated Thermal Information (continued) THERMAL METRIC(1)(2)(3) MAX232E UNIT D (SOIC) DW (SOIC) N (PDIP) PW (TSSOP) 16 PINS 16 PINS 16 PINS 16 PINS ψJT Junction-to-top characterization parameter 5.8 9.4 14.4 1.4 °C/W ψJB Junction-to-board characterization parameter 31.1 37.7 23.2 46.6 °C/W (1) Test conditions are C1 – C4 = 1 µF at VCC = 5 V ± 0.5 V. (2) All typical values are at VCC = 5 V and TA = 25°C. 6.5 Electrical Characteristics over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 10) PARAMETER TEST CONDITIONS(1) MIN TYP(2) MAX UNIT ICC Supply current VCC = 5.5 V All outputs open, TA = 25°C 8 10 mA (1) Test conditions are C1 – C4 = 1 µF at VCC = 5 V ± 0.5 V. (2) All typical values are at VCC = 5 V and TA = 25°C. (3) The algebraic convention, in which the least-positive (most negative) value is designated minimum, is used in this data sheet for logic voltage levels only. (4) Not more than one output should be shorted at a time. 6.6 Electrical Characteristics: Driver over recommended ranges of supply voltage and operating free-air temperature range PARAMETER TEST CONDITIONS(1) MIN TYP(2) MAX UNIT VOH High-level output voltage DOUT RL = 3 kΩ to GND 5 7 V VOL Low-level output voltage(3) DOUT RL = 3 kΩ to GND –7 –5 V ro Output resistance DOUT VS+ = VS– = 0, VO = ±2 V 300 Ω IOS (4) Short-circuit output current DOUT VCC = 5.5 V, VO = 0 ±10 mA IIS Short-circuit input current DIN VI = 0 200 µA (1) Test conditions are C1 – C4 = 1 µF at VCC = 5 V ± 0.5 V. (2) All typical values are at VCC = 5 V and TA = 25°C. 6.7 Electrical Characteristics: Receiver over recommended ranges of supply voltage and operating free-air temperature range PARAMETER TEST CONDITIONS(1) MIN TYP(2) MAX UNIT VOH High-level output voltage ROUT IOH = –1 mA 3.5 V VOL Low-level output voltage ROUT IOL = 3.2 mA 0.4 V VIT+ Receiver positive-going input threshold voltage RIN VCC = 5 V TA = 25°C 1.7 2.4 V VIT– Receiver negative-going input threshold voltage RIN VCC = 5 V TA = 25°C 0.8 1.2 V Vhys Input hysteresis voltage RIN VCC = 5 V 0.2 0.5 1 V ri Receiver input resistance RIN VCC = 5 V TA = 25°C 3 5 7 kΩ (1) Test conditions are C1 – C4 = 1 µF at VCC = 5 V ± 0.5 V. 6.8 Switching Characteristics: Driver VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS(1) MIN TYP MAX UNIT SR Driver slew rate RL = 3 kΩ to 7 kΩ, See Figure 6 30 V/µs SR(t) Driver transition region slew rate RL = 3 kΩ, CL = 2.5 nF See Figure 7 3 V/µs Data rate One DOUT switching 250 kbit/s |
Podobny numer części - MAX232ECNE4 |
|
Podobny opis - MAX232ECNE4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |