Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC3450 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części MC3450
Szczegółowy opis  QUAD DIFFERENTIAL LINE RECEIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

MC3450 Arkusz danych(HTML) 4 Page - Texas Instruments

  MC3450 Datasheet HTML 1Page - Texas Instruments MC3450 Datasheet HTML 2Page - Texas Instruments MC3450 Datasheet HTML 3Page - Texas Instruments MC3450 Datasheet HTML 4Page - Texas Instruments MC3450 Datasheet HTML 5Page - Texas Instruments MC3450 Datasheet HTML 6Page - Texas Instruments MC3450 Datasheet HTML 7Page - Texas Instruments MC3450 Datasheet HTML 8Page - Texas Instruments MC3450 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC3450, MC3452, MC3550, MC3552
QUAD DIFFERENTIAL LINE RECEIVERS
SLLS012B − FEBRUARY 1986 − REVISED FEBRUARY 1993
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC +
TA ≥ 25°C
4.5
5
5.5
V
Supply voltage, VCC +
TA < 25°C
4.75
5
5.5
V
Supply voltage, VCC −
TA ≥ 25°C
− 4.5
−5
− 5.5
V
Supply voltage, VCC −
TA < 25°C
− 4.75
−5
− 5.5
V
High-level enable input voltage, VIH
2
V
Low-level enable input voltage, VIL
0.8
V
Low-level output current, IOL
−16
mA
Differential input voltage, VID (see Note 4)
−5 †
5
V
Common-mode input voltage, VIC (see Note 4)
−3 †
3
V
Input voltage range, any different input to GND
−5 †
3
V
Operating free-air temperature, TA
MC3450, MC3452
0
70
°C
Operating free-air temperature, TA
MC3550, MC3552
−55
125
°C
† The algebraic convention, in which the less positive (more negative) limit is designated minimum, is used in this data sheet for common-mode
input voltage.
NOTE 4: The recommended combinations of input voltages fall within the shaded area of Figure 1.
−1
−3
−4
−5
−5 −4 −3 −2 −1
0
1
2
Input B to GND Voltage − V
RECOMMENDED COMBINATIONS OF INPUT VOLTAGES
3
12
3
0
−2
Figure 1


Podobny numer części - MC3450

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MC3450 TI-MC3450 Datasheet
139Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
More results

Podobny opis - MC3450

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI-MC3450 Datasheet
139Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
   Quad Differential Line Receivers
DS26LS32AC NSC-DS26LS32AC Datasheet
201Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
5962-7802006QEA TI-5962-7802006QEA Datasheet
291Kb / 11P
[Old version datasheet]   DS26LS32MQML Quad Differential Line Receivers
DS26F32MQML TI1-DS26F32MQML_16 Datasheet
435Kb / 15P
[Old version datasheet]   DS26F32MQML Quad Differential Line Receivers
DS26LS32MQML TI1-DS26LS32MQML Datasheet
605Kb / 12P
[Old version datasheet]   DS26LS32MQML Quad Differential Line Receivers
logo
Renesas Technology Corp
HS-26C32RH RENESAS-HS-26C32RH Datasheet
411Kb / 9P
   Radiation Hardened Quad Differential Line Receivers
Oct 21, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com