Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC3450DR Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części MC3450DR
Szczegółowy opis  QUAD DIFFERENTIAL LINE RECEIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

MC3450DR Arkusz danych(HTML) 3 Page - Texas Instruments

  MC3450DR Datasheet HTML 1Page - Texas Instruments MC3450DR Datasheet HTML 2Page - Texas Instruments MC3450DR Datasheet HTML 3Page - Texas Instruments MC3450DR Datasheet HTML 4Page - Texas Instruments MC3450DR Datasheet HTML 5Page - Texas Instruments MC3450DR Datasheet HTML 6Page - Texas Instruments MC3450DR Datasheet HTML 7Page - Texas Instruments MC3450DR Datasheet HTML 8Page - Texas Instruments MC3450DR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC3450, MC3452, MC3550, MC3552
QUAD DIFFERENTIAL LINE RECEIVERS
SLLS012B − FEBRUARY 1986 − REVISED FEBRUARY 1993
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
schematics of inputs and outputs
EQUIVALENT OF
A OR B INPUT
EQUIVALENT OF
ENABLE INPUT
TYPICAL OF MC3450
OUTPUT
TYPICAL OF MC3452
OUTPUT
GND
GND
VCC −
Input
VCC +
3 k
NOM
VCC
NOM
1 k
Input
VCC +
VCC −
200
NOM
140
NOM
Output
Output
GND
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC+ (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VCC−
−7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage (see Note 2)
±6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Common-mode input voltage (see Note 3)
±5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Enable input voltage
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 60 seconds: FK package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D or N package
260
°C
. . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: J package
300
°C
. . . . . . . . . . . . . . . . . . . . .
NOTES:
1. All voltage values, except differential input voltage, are with respect to network ground terminal.
2. Differential input voltage is measured at the noninverting input with respect to the corresponding inverting input.
3. Common-mode input voltage is the average of the voltages at the A and B inputs.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
OPERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 125°C
POWER RATING
D
950 mW
7.6 mW/
°C
608 mW
FK
1375 mW
11.0 mW/
°C
880 mW
275 mW
J
1375 mW
11.0 mW/
°C
880 mW
275 mW
N
1150 mW
9.2 mW/
°C
736 mW


Podobny numer części - MC3450DR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MC3450 TI-MC3450 Datasheet
139Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
More results

Podobny opis - MC3450DR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI-MC3450 Datasheet
139Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
   Quad Differential Line Receivers
DS26LS32AC NSC-DS26LS32AC Datasheet
201Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
5962-7802006QEA TI-5962-7802006QEA Datasheet
291Kb / 11P
[Old version datasheet]   DS26LS32MQML Quad Differential Line Receivers
DS26F32MQML TI1-DS26F32MQML_16 Datasheet
435Kb / 15P
[Old version datasheet]   DS26F32MQML Quad Differential Line Receivers
DS26LS32MQML TI1-DS26LS32MQML Datasheet
605Kb / 12P
[Old version datasheet]   DS26LS32MQML Quad Differential Line Receivers
logo
Renesas Technology Corp
HS-26C32RH RENESAS-HS-26C32RH Datasheet
411Kb / 9P
   Radiation Hardened Quad Differential Line Receivers
Oct 21, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com