Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC3486N Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części MC3486N
Szczegółowy opis  QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

MC3486N Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button MC3486N Datasheet HTML 3Page - Texas Instruments MC3486N Datasheet HTML 4Page - Texas Instruments MC3486N Datasheet HTML 5Page - Texas Instruments MC3486N Datasheet HTML 6Page - Texas Instruments MC3486N Datasheet HTML 7Page - Texas Instruments MC3486N Datasheet HTML 8Page - Texas Instruments MC3486N Datasheet HTML 9Page - Texas Instruments MC3486N Datasheet HTML 10Page - Texas Instruments MC3486N Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Jun-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
MC3486D
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
MC3486
MC3486DE4
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
MC3486
MC3486DG4
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
MC3486
MC3486DR
ACTIVE
SOIC
D
16
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
MC3486
MC3486DRE4
ACTIVE
SOIC
D
16
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
MC3486
MC3486J
OBSOLETE
CDIP
J
16
TBD
Call TI
Call TI
-55 to 125
MC3486N
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
0 to 70
MC3486N
MC3486NE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
0 to 70
MC3486N
MC3486NSR
ACTIVE
SO
NS
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
MC3486
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.


Podobny numer części - MC3486N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MC3486N TI-MC3486N Datasheet
106Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486N TI-MC3486N Datasheet
385Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486NE4 TI-MC3486NE4 Datasheet
385Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486NS TI-MC3486NS Datasheet
385Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486NSR TI-MC3486NSR Datasheet
385Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
More results

Podobny opis - MC3486N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MC3486 TI-MC3486 Datasheet
106Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486 TI-MC3486_06 Datasheet
385Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD26LS31 HITACHI-HD26LS31 Datasheet
81Kb / 15P
   Quadruple Differential Line Drivers With 3 State Outputs
HD26LS32A HITACHI-HD26LS32A Datasheet
42Kb / 5P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
List of Unclassifed Man...
HD75153 ETC-HD75153 Datasheet
35Kb / 6P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
Renesas Technology Corp
HD26LS32A RENESAS-HD26LS32A Datasheet
134Kb / 8P
   Quadruple Differential Line Receivers With 3 State Outputs
HD26LS32 RENESAS-HD26LS32 Datasheet
202Kb / 15P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
Hitachi Semiconductor
HD26C32A HITACHI-HD26C32A Datasheet
97Kb / 14P
   Quadruple Differential Line Receivers With 3 State Outputs
HD26LS32 HITACHI-HD26LS32 Datasheet
88Kb / 15P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
Renesas Technology Corp
HD29413 RENESAS-HD29413 Datasheet
139Kb / 8P
   Quadruple Differential Line Receivers With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com