Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33063AP Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części MC33063AP
Szczegółowy opis  1.5-A Peak Boost/Buck/Inverting Switching Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

MC33063AP Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button MC33063AP Datasheet HTML 5Page - Texas Instruments MC33063AP Datasheet HTML 6Page - Texas Instruments MC33063AP Datasheet HTML 7Page - Texas Instruments MC33063AP Datasheet HTML 8Page - Texas Instruments MC33063AP Datasheet HTML 9Page - Texas Instruments MC33063AP Datasheet HTML 10Page - Texas Instruments MC33063AP Datasheet HTML 11Page - Texas Instruments MC33063AP Datasheet HTML 12Page - Texas Instruments MC33063AP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Q
S
R
CT
Ipk
Q2
Q1
2
1
Oscillator
_
+
1.25-V
Reference
Regulator
4
5
3
8
7
6
RSC
0.24 W
953 W
R1
CO
1N5819
1500 pF
R2
8.2 kW
100 mF
+
VCC
VOUT
−12 V/100 mA
1.0 mH
100 mF
Optional Filter
VIN
4.5 V to 6.0 V
+
+
1000 mF
+
L
88 mH
Comparator
V
OUT = –1.25 (1+
R2
R1
)
V
IN
V
OUT
V
IN
V
OUT
8
7
6
4
3
2
1
8
7
6
4
3
2
1
5
5
a) External NPN Switch
b) External PNP Saturated Switch
VIN
8
7
6
1
2
8
7
6
1
2
RSC
VIN
RSC
VOUT
VOUT
a) EXTERNAL npn SWITCH
b) EXTERNAL pnp SATURATED SWITCH
MC33063A, MC34063A
www.ti.com
SLLS636N – DECEMBER 2004 – REVISED JANUARY 2015
Application Information (continued)
Figure 6. Buck Regulator Connections for IC Peak Greater Than 1.5 A
Figure 7. Inverting Regulator Connections for IC Peak Greater Than 1.5 A
9.2 Typical Application
9.2.1
Voltage-Inverting Converter Application
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: MC33063A MC34063A


Podobny numer części - MC33063AP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MC33063AP FAIRCHILD-MC33063AP Datasheet
46Kb / 8P
   SMPS Controller
logo
Texas Instruments
MC33063AP TI-MC33063AP Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063AP TI-MC33063AP Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
logo
Fairchild Semiconductor
MC33063AP FAIRCHILD-MC33063AP Datasheet
525Kb / 7P
   SMPS Controller
logo
Texas Instruments
MC33063AP TI-MC33063AP Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
More results

Podobny opis - MC33063AP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MC33063A TI-MC33063A_09 Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_07 Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_15 Datasheet
1Mb / 30P
[Old version datasheet]   MC3x063A 1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
logo
ON Semiconductor
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com