Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5614S7X Arkusz danych(PDF) 10 Page - Fairchild Semiconductor

Numer części FAN5614S7X
Szczegółowy opis  Low-Dropout LED Drivers for White, Blue or any Color LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5614S7X Arkusz danych(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5614S7X Datasheet HTML 4Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 5Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 6Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 7Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 8Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 9Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 10Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 11Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FAN5611/FAN5612/FAN5613/FAN5614
PRODUCT SPECIFICATION
10
REV. 1.0.4 6/4/04
Mechanical Dimensions
2mmx 2mm 8-Lead MLP
2.0
A
B
1.40
0.70
1.00
2.55
0.30 TYP
0.50 TYP
(0.78)
1
4
8
5
2.0
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1.0 MAX
0.10
0.08
(0.20)
0.05
0.00
1.25
1.20
0.45
0.20
PIN #1 IDENT
0.65
0.60
0.50
1.50
0.18~0.30
0.10
C
C
AB
0.10 M
M
14
85
SEATING
PLANE
C
C
C
RECOMMENDED LAND PATTERN
NOTES:
A. CONFORMS TO JEDEC REGISTRATION MO-229,
VARIATION VCCD-3, DATED 11/2001
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994
0.15
0.15
C
C
2X
2X


Podobny numer części - FAN5614S7X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5614S7X FAIRCHILD-FAN5614S7X Datasheet
702Kb / 14P
   Low-Dropout LED Drivers for White, Blue, or any Color LED
More results

Podobny opis - FAN5614S7X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5611 FAIRCHILD-FAN5611_06 Datasheet
702Kb / 14P
   Low-Dropout LED Drivers for White, Blue, or any Color LED
FAN5610 FAIRCHILD-FAN5610 Datasheet
105Kb / 10P
   LED Driver for White, Blue or any Color LED
logo
Sipex Corporation
SP7611A SIPEX-SP7611A Datasheet
216Kb / 9P
   Low Dropout LED Driver for any Color LED
SP7614 SIPEX-SP7614 Datasheet
93Kb / 4P
   Low Dropout LED Driver for any Color LED
logo
TEXAS ADVANCED OPTOELEC...
AS1102 TAOS-AS1102 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101_1 Datasheet
481Kb / 13P
   Low-Dropout LED Drivers
logo
TEXAS ADVANCED OPTOELEC...
AS1107 TAOS-AS1107 Datasheet
1Mb / 22P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101_04 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
TEXAS ADVANCED OPTOELEC...
AS1101 TAOS-AS1101 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101 Datasheet
256Kb / 13P
   Low-Dropout LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com