Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FCBN510QE2C01 Arkusz danych(PDF) 7 Page - Finisar Corporation.

Numer części FCBN510QE2C01
Szczegółowy opis  Quadwire짰 40 Gb/s Parallel Breakout Active Optical Cable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FINISAR [Finisar Corporation.]
Strona internetowa  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBN510QE2C01 Arkusz danych(HTML) 7 Page - Finisar Corporation.

Back Button FCBN510QE2C01 Datasheet HTML 3Page - Finisar Corporation. FCBN510QE2C01 Datasheet HTML 4Page - Finisar Corporation. FCBN510QE2C01 Datasheet HTML 5Page - Finisar Corporation. FCBN510QE2C01 Datasheet HTML 6Page - Finisar Corporation. FCBN510QE2C01 Datasheet HTML 7Page - Finisar Corporation. FCBN510QE2C01 Datasheet HTML 8Page - Finisar Corporation. FCBN510QE2C01 Datasheet HTML 9Page - Finisar Corporation. FCBN510QE2C01 Datasheet HTML 10Page - Finisar Corporation. FCBN510QE2C01 Datasheet HTML 11Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FCBG510QE2Cxx PRELIMINARY Product Specification – July 2014
F i n i s a r
 Finisar Corporation – 22-Jul-14 Rev A4
Page 7
Parameter –Outputs
Symbol
Conditions
Min
Typ
Max
Units
Ref.
Reference Differential Output Impedance
Zd
100
Ω
Termination Mismatch
ΔZ
M
5
%
Output AC Common Mode Voltage
15
mVRMS
Output Rise and Fall time (20% to 80%)
tRH, tFH
24
ps
Differential Output Return Loss
SDD22
0.01-4.1 GHz
dB
1
4.1 – 11.1 GHz
dB
2
Common Mode Output Return Loss
SCC22
0.01-2.5 GHz
dB
3
2.5-11.1 GHz
-3
dB
Eye Mask Coordinates:
X1, X2
0.29, 0.5
UI
4
Y1, Y2
150, 425
mV
Deterministic Jitter
DJOUT
0.38
UI
1
Total Jitter
TJOUT
0.64
UI
1
Notes:
1. Reflection coefficient given by equation SDD22(dB)< -12+2*SQRT(f), with f in GHz. See Figure 5.
2. Reflection coefficient given by equation SDD22(dB)< -6.3+13Log10(f/5.5), with f in GHz. See Figure 5.
3. Reflection coefficient given by equation SCC22(dB)< -7+1.6*f, with f in GHz.
4. Hit ratio 5x10
-5. See Figure 4 for receiver output eye mask definitions.
5. When transmitter input jitter specs are met
Other Informational Specifications
(not tested)
Symbol
Min
Typ
Max
Units
Ref.
Max Bit Rate NRZ
B
12.5
Gb/s
Low Frequency 3dB Cutoff
fc
175
kHz
Ch / Ch crosstalk
-26
dB
Output Pre-emphasis settings
(user selectable)
PE
0
mV
125
mV
175
mV
325
mV
Pre-Emphasis pulse width
60
90
ps
Channel Latency
TBD
Digital clock to data delay
25
ns
Digital output rise/fall times
5
ns
Digital input / output Cap
1
pF
Digital input logic High
2
V
Digital input logic Low
1
V
ESD Signal pads
500
V
HBM
ESD (other pads)
2
kV
HBM


Podobny numer części - FCBN510QE2C01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Finisar Corporation.
FCBN410QB1C01 FINISAR-FCBN410QB1C01 Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN410QB1C03 FINISAR-FCBN410QB1C03 Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN410QB1C05 FINISAR-FCBN410QB1C05 Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN410QB1C10 FINISAR-FCBN410QB1C10 Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN410QB1C15 FINISAR-FCBN410QB1C15 Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
More results

Podobny opis - FCBN510QE2C01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Finisar Corporation.
FCBG410QB1CXX FINISAR-FCBG410QB1CXX Datasheet
505Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN410QB1CXX FINISAR-FCBN410QB1CXX Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBGD10CD1C03 FINISAR-FCBGD10CD1C03 Datasheet
382Kb / 13P
   C.wire 120 Gb/s Parallel Active Optical Cable
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QE1CXX FINISAR-FCBN425QE1CXX Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1CXX FINISAR-FCBN425QB1CXX Datasheet
474Kb / 7P
   100G Quadwire짰 EDR QSFP28 Active Optical Cable
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-7QER01Z AVAGO-AFBR-7QER01Z Datasheet
658Kb / 15P
   40 Gigabit Ethernet & InfiniBand QDR Parallel Active Optical Cable
AFBR-7IERXXZ AVAGO-AFBR-7IERXXZ Datasheet
428Kb / 6P
   QSFP to 4 SFP Breakout Active Optical Cable
logo
FCI connector
ICD120GVP2420-05 FCI-CONNECTOR-ICD120GVP2420-05 Datasheet
119Kb / 2P
   12 Channel Parallel Active Optical Cable
logo
Finisar Corporation.
FCBX414QB1CXX FINISAR-FCBX414QB1CXX Datasheet
784Kb / 2P
   56G FDR parallel active optical cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com