Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FCBN510QE2C02 Arkusz danych(PDF) 1 Page - Finisar Corporation.

Numer części FCBN510QE2C02
Szczegółowy opis  Quadwire짰 40 Gb/s Parallel Breakout Active Optical Cable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FINISAR [Finisar Corporation.]
Strona internetowa  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBN510QE2C02 Arkusz danych(HTML) 1 Page - Finisar Corporation.

  FCBN510QE2C02 Datasheet HTML 1Page - Finisar Corporation. FCBN510QE2C02 Datasheet HTML 2Page - Finisar Corporation. FCBN510QE2C02 Datasheet HTML 3Page - Finisar Corporation. FCBN510QE2C02 Datasheet HTML 4Page - Finisar Corporation. FCBN510QE2C02 Datasheet HTML 5Page - Finisar Corporation. FCBN510QE2C02 Datasheet HTML 6Page - Finisar Corporation. FCBN510QE2C02 Datasheet HTML 7Page - Finisar Corporation. FCBN510QE2C02 Datasheet HTML 8Page - Finisar Corporation. FCBN510QE2C02 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
F i n i s a r
 Finisar Corporation – 22-Jul-14 Rev A4
Page 1
Preliminary Product Specification
Quadwire® 40 Gb/s Parallel Breakout Active Optical Cable
FCBN510QE2Cxx
PRODUCT FEATURES
 Four-channel full-duplex active
optical cable with breakout from
QSFP+ to four SFP+
 10.3125 Gb/s per channel
 Complies with QSFP+ and SFP+
MSA form factors
 Round, plenum-rated cable
 Reliable VCSEL array technology
using multimode fiber
 Hot Pluggable
 Low power dissipation: <1.3W on
QSFP end, <1W on SFP+ ends
 Commercial operating case
temperature range: 0ºC to 70ºC
 RoHS-6 Compliant
APPLICATIONS
 4x10G Ethernet
PRODUCT SELECTION (Standard Lengths*)
FCBN510QE2C01
1-meter cable
FCBN510Q E2C02
2-meter cable
FCBN510Q E2C03
3-meter cable
FCBN510Q E2C05
5-meter cable
FCBN510Q E2C07
7-meter cable
FCBN510Q E2C10
10-meter cable
FCBN510Q E2C15
15-meter cable
FCBN510Q E2C20
20-meter cable
FCBN510Q E2C30
30-meter cable
*For availability of additional cable lengths, please contact Finisar. For breakout location, see Section IX.


Podobny numer części - FCBN510QE2C02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Finisar Corporation.
FCBN410QB1C01 FINISAR-FCBN410QB1C01 Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN410QB1C03 FINISAR-FCBN410QB1C03 Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN410QB1C05 FINISAR-FCBN410QB1C05 Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN410QB1C10 FINISAR-FCBN410QB1C10 Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN410QB1C15 FINISAR-FCBN410QB1C15 Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
More results

Podobny opis - FCBN510QE2C02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Finisar Corporation.
FCBG410QB1CXX FINISAR-FCBG410QB1CXX Datasheet
505Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN410QB1CXX FINISAR-FCBN410QB1CXX Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBGD10CD1C03 FINISAR-FCBGD10CD1C03 Datasheet
382Kb / 13P
   C.wire 120 Gb/s Parallel Active Optical Cable
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QE1CXX FINISAR-FCBN425QE1CXX Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1CXX FINISAR-FCBN425QB1CXX Datasheet
474Kb / 7P
   100G Quadwire짰 EDR QSFP28 Active Optical Cable
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-7QER01Z AVAGO-AFBR-7QER01Z Datasheet
658Kb / 15P
   40 Gigabit Ethernet & InfiniBand QDR Parallel Active Optical Cable
AFBR-7IERXXZ AVAGO-AFBR-7IERXXZ Datasheet
428Kb / 6P
   QSFP to 4 SFP Breakout Active Optical Cable
logo
FCI connector
ICD120GVP2420-05 FCI-CONNECTOR-ICD120GVP2420-05 Datasheet
119Kb / 2P
   12 Channel Parallel Active Optical Cable
logo
Finisar Corporation.
FCBX414QB1CXX FINISAR-FCBX414QB1CXX Datasheet
784Kb / 2P
   56G FDR parallel active optical cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com