Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RTL8139C Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części RTL8139C
Szczegółowy opis  REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

RTL8139C Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  RTL8139C Datasheet HTML 1Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 2Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 3Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
RTL8139C(L)
2002/01/10
Rev.1.4
2
1. Features
128 pin QFP/LQFP
Integrated Fast Ethernet MAC, Physical chip and
transceiver in one chip
10 Mb/s and 100 Mb/s operation
Supports
10
Mb/s
and
100
Mb/s
N-way
Auto-negotiation operation
PCI local bus single-chip Fast Ethernet controller
Compliant to PCI Revision 2.2
Supports PCI clock 16.75MHz-40MHz
Supports PCI target fast back-to-back transaction
Provides PCI bus master data transfers and PCI memory
space or I/O space mapped data transfers of
RTL8139C(L)'s operational registers
Supports PCI VPD (Vital Product Data)
Supports ACPI, PCI power management
Supports CardBus. The CIS can be stored in 93C56 or
expansion ROM
Supports up to 128K bytes Boot ROM interface for both
EPROM and Flash memory
Supports 25MHz crystal or 25MHz OSC as the internal
clock source. The frequency deviation of either crystal or
OSC must be within 50 PPM.
Compliant to PC99 standard
Supports Wake-On-LAN function and remote wake-up
(Magic Packet*, LinkChg and Microsoft® wake-up
frame)
Supports 4 Wake-On-LAN (WOL) signals (active high,
active low, positive pulse, and negative pulse)
Supports auxiliary power-on internal reset, to be ready
for remote wake-up when main power still remains off
Supports auxiliary power auto-detect, and sets the
related capability of power management registers in PCI
configuration space.
Includes a programmable, PCI burst size and early
Tx/Rx threshold.
Supports a 32-bit general-purpose timer with the
external PCI clock as clock source, to generate
timer-interrupt
Contains two large (2Kbyte) independent receive and
transmit FIFO’s
Advanced power saving mode when LAN function or
wakeup function is not used
Uses
93C46 (64*16-bit EEPROM) or 93C56
(128*16-bit EEPROM) to store resource configuration,
ID parameter, and VPD data. The 93C56 can also be
used to store the CIS data structure for CardBus
application.
Supports LED pins for various network activity
indications
Supports digital and analog loopback capability on both
ports
Half/Full duplex capability
Supports Full Duplex Flow Control (IEEE 802.3x)
3.3V power supply with 5V tolerant I/Os.
* Third-party brands and names are the property of their
respective owners.
Note: The model number of the QFP package is RTL8139C. The LQFP package model number is RTL8139CL.


Podobny numer części - RTL8139C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
RTL8139C ETC1-RTL8139C Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C-LF REALTEK-RTL8139C-LF Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139CL REALTEK-RTL8139CL Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139CL-LF REALTEK-RTL8139CL-LF Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
More results

Podobny opis - RTL8139C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Macronix International
MX98L715BEC MCNIX-MX98L715BEC Datasheet
578Kb / 50P
   3.3V SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Realtek Semiconductor C...
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
   REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8208 ETC-RTL8208 Datasheet
546Kb / 40P
   REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com