Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRL2505S Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRL2505S
Szczegółowy opis  Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRL2505S Arkusz danych(HTML) 2 Page - International Rectifier

  IRL2505S Datasheet HTML 1Page - International Rectifier IRL2505S Datasheet HTML 2Page - International Rectifier IRL2505S Datasheet HTML 3Page - International Rectifier IRL2505S Datasheet HTML 4Page - International Rectifier IRL2505S Datasheet HTML 5Page - International Rectifier IRL2505S Datasheet HTML 6Page - International Rectifier IRL2505S Datasheet HTML 7Page - International Rectifier IRL2505S Datasheet HTML 8Page - International Rectifier IRL2505S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRL2505S/L
† Caculated continuous current based on maximum allowable
junction temperature;for recommended current-handling of the
package refer to Design Tip # 93-4
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.035 –––
V/°C
Reference to 25°C, ID = 1mA
…
–––
–––
0.008
VGS = 10V, ID = 54A
„
–––
–––
0.010
VGS = 5.0V, ID = 54A
„
–––
–––
0.013
VGS = 4.0V, ID = 45A
„
VGS(th)
Gate Threshold Voltage
1.0
–––
2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
59
–––
–––
S
VDS = 25V, ID = 54A
…
–––
–––
25
VDS = 55V, VGS = 0V
–––
–––
250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 16V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -16V
Qg
Total Gate Charge
–––
–––
130
ID = 54A
Qgs
Gate-to-Source Charge
–––
–––
25
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
67
VGS = 5.0V, See Fig. 6 and 13
„…
td(on)
Turn-On Delay Time
–––
12
–––
VDD = 28V
tr
Rise Time
–––
160
–––
ID = 54A
td(off)
Turn-Off Delay Time
–––
43
–––
RG = 1.3Ω, VGS = 5.0V
tf
Fall Time
–––
84
–––
RD = 0.50Ω, See Fig. 10
„…
Between lead,
–––
–––
and center of die contact
Ciss
Input Capacitance
–––
5000 –––
VGS = 0V
Coss
Output Capacitance
–––
1100 –––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
390
–––
ƒ = 1.0MHz, See Fig. 5
…
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
nH
RDS(on)
Static Drain-to-Source On-Resistance
LS
Internal Source Inductance
7.5
ns
IDSS
Drain-to-Source Leakage Current
µA
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 54A, VGS = 0V
„
trr
Reverse Recovery Time
–––
140
210
ns
TJ = 25°C, IF = 54A
Qrr
Reverse Recovery Charge
–––
650
970
nC
di/dt = 100A/µs
„…
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
S
D
G
A
104
†
360
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Notes:
… Uses IRL2505 data and test conditions
** When mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
ƒ ISD ≤ 54A, di/dt ≤ 230A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
‚ V
DD = 25V, starting TJ = 25°C, L = 240µH
RG = 25Ω, IAS = 54A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
IGSS


Podobny numer części - IRL2505S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
IRL2505S ISC-IRL2505S Datasheet
262Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRL2505SPBF IRF-IRL2505SPBF Datasheet
288Kb / 10P
   HEXFET Power MOSFET
IRL2505SPBF IRF-IRL2505SPBF Datasheet
297Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
IRL2505SPBF IRF-IRL2505SPBF_15 Datasheet
297Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
More results

Podobny opis - IRL2505S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com