Zakładka z wyszukiwarką danych komponentów |
|
ES2CA Arkusz danych(PDF) 2 Page - SUNMATE electronic Co., LTD |
|
ES2CA Arkusz danych(HTML) 2 Page - SUNMATE electronic Co., LTD |
2 / 2 page AND TEST CIRCUIT DIAGRAM ES2AA THRU ES2JA RATING AND CHARACTERISTIC CURVES ES2AA THRU ES2JA 2 of 2 SET TIME BASE FOR 10ns/cm 1cm -1.0 -0.25 0 +0.5A trr 50 Noninductive 1 NON- Inductive NOTES:1. Rise Time=7ns max. Input Impedance=1 megohm. 22pF 2. Rise Time=10ns max. Source Impedance=50 Ohms. 10 Noninductive D.U.T. OSCILLOSCOPE NOTE 1 PULSE GENERATOR NOTE 2 25 Vdc (approx) (+) (+) () () Fig. 1 - REVERSE RECOVERY TIME CHARACTERISTIC SINGLE PHASE HALF W AVE 60HZ RESISTIVE OR INDUCTIVE LOAD P.C.B MOUNTED ON 0.3x0.3"(8.0x8.0mm) COPPER PAD AREAS Fig. 2 - MAXIMUM AVERAGE FORWARD CURRENT RATING o LEAD TEMPERATURE, C 0 20 40 60 80 100 120 140 160 2.4 2.0 1.6 1.2 0.8 0.4 0 Fig. 4 - TYPICAL FORWARD CHARACTERISTICS 50.0 10.0 1.0 0.1 0.01 INSTANTANEOUS FORWARD VOLTAGE, VOLTS 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0 T =25 C J PULSE WIDTH=300 S 2% DUTY CYCLE 1000 100 10 1.0 0.1 0.01 Fig. 3 - TYPICAL REVERSE CHARACTERISTICS PERCENT OF RATED PEAK INVERSE VOLTAGE, VOLTS 20 40 60 80 100 120 140 0 T =100C J 0 T =75 C J 0 T =25 C J Fig. 6 - TYPICAL JUNCTION CAPACITANCE 8.3ms SINGLE HALF SINCE-WAVE JEDEC METHOD Fig. 5 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT NUMBER OF CYCLES AT 60Hz 1 2 5 10 20 50 100 60 50 40 30 20 10 REVERSE VOLTAGE, VOLTS 60 50 40 30 20 10 0.1 0.5 1 5 10 20 50 100 200 500 1000 0 T =25C J f=1.0MHZ Vslg=50mVp-p ES2AA-ES2DA ES2JA ES2EA-ES2GA www.sunmate.tw |
Podobny numer części - ES2CA |
|
Podobny opis - ES2CA |