Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC847A Arkusz danych(PDF) 3 Page - Formosa MS

Numer części BC847A
Szczegółowy opis  SMD NPN Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FORMOSA [Formosa MS]
Strona internetowa  http://www.formosams.com
Logo FORMOSA - Formosa MS

BC847A Arkusz danych(HTML) 3 Page - Formosa MS

  BC847A Datasheet HTML 1Page - Formosa MS BC847A Datasheet HTML 2Page - Formosa MS BC847A Datasheet HTML 3Page - Formosa MS BC847A Datasheet HTML 4Page - Formosa MS BC847A Datasheet HTML 5Page - Formosa MS BC847A Datasheet HTML 6Page - Formosa MS BC847A Datasheet HTML 7Page - Formosa MS BC847A Datasheet HTML 8Page - Formosa MS BC847A Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PARAMETER
Collector-Base breakdown voltage
Collector-Emitter
voltage
breakdown
Emitter-Base
voltage
breakdown
CONDITIONS
Symbol
V
(BR)CBO
V
CEO
(BR)
V
EBO
(BR)
I
CBO
MIN.
TYP.
MAX.
80
65
6.0
15
UNIT
V
V
V
mA
Formosa MS
o
Electrical characteristics (AT T =25 C unless otherwise noted)
A
Off characteristics
I = 10uA
c
I = 10mA
c
I = 1.0uA
E
Collector cutoff current
V
= 30V
CB
O
V
= 30V, T = 150 C
CB
A
PARAMETER
CONDITIONS
Symbol
h
FE
MIN.
TYP.
MAX.
110
UNIT
-
V
On characteristics
Collector-Emitter saturation voltage
Base-Emitter saturation voltage
I = 10mA, I = 0.5mA
c
B
I = 100mA, I = 5.0mA
c
B
I = 10mA, I = 0.5mA
c
B
I = 100mA, I = 5.0mA
c
B
V
0.25
0.6
0.7
V
CE(sat)
V
BE(sat)
PARAMETER
Noise figure
CONDITIONS
Symbol
NF
MIN.
TYP.
MAX.
100
4.5
10
UNIT
Small-signal characteristics
I = 10mA, V
= 5.0V, f = 100MHz
C
CE
Current-gain-bandwidth product
Output capacitance
V
= 10V, f = 1.0MHz
CB
(I = 0.2mA, V
= 5.0V, R = 2.0ΚΩ,
C
CE
S
f = 1.0KHz, BW = 200Hz)
f
T
C
obo
pF
MHz
dB
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
5.0
50
30
Collector-Emitter breakdown voltage
V
(BR)CES
80
V
I = 10uA, V
= 0
C
EB
45
30
6.0
50
5.0
30
nA
BC846A, BC847A, BC848A
BC846B, BC847B, BC848B
BC849B, BC850B
BC847C, BC848C, BC849C, BC850C
DC current gain(
)
I = 2.0mA, V
= 5.0V
c
CE
Base-Emitter on voltage
I = 2.0mA, V
= 5.0V
c
CE
I = 10mA, V
= 5.0V
c
CE
V
700
770
580
V
BE(on)
0.9
660
180
290
520
200
420
450
800
220
BC846A,B
BC847A,B,C
BC848A,B,C
Document ID
Issued Date
Revised Date
Revision
Page.
BC846A,B
BC847A,B,C BC850B,C
BC848A,B,C BC849B,C
BC849B,C
BC850B,C
4
BC846A,B
BC847A,B,C BC850B,C
BC848A,B,C BC849B,C
BC846A,B
BC847A,B,C BC850B,C
BC848A,B,C BC849B,C
BC846A,B
BC847A,B,C BC850B,C
BC848A,B,C BC849B,C
BC846A/B-BC847A/B/C
BC849B/C-BC850B/C
BC848A/B/C-
DS-231154
2009/08/10
2011/07/21
C
9
SMD NPN Transistor


Podobny numer części - BC847A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Continental Device Indi...
BC847A CDIL-BC847A Datasheet
449Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
ON Semiconductor
BC847A ONSEMI-BC847A Datasheet
160Kb / 6P
   General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
logo
Diotec Semiconductor
BC847A DIOTEC-BC847A Datasheet
144Kb / 2P
   SMD General Purpose NPN Transistors
logo
E-Tech Electronics LTD
BC847A ETL-BC847A Datasheet
194Kb / 4P
   General Purpose Transistors
logo
Shenzhen Ping Sheng Ele...
BC847A PFS-BC847A Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results

Podobny opis - BC847A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Formosa MS
FMBT3904W FORMOSA-FMBT3904W Datasheet
884Kb / 11P
   SMD NPN Transistor
FMBT3904 FORMOSA-FMBT3904_17 Datasheet
461Kb / 11P
   SMD NPN Transistor
FMBT2222AW FORMOSA-FMBT2222AW Datasheet
91Kb / 10P
   SMD NPN Transistor
FMBT2222A FORMOSA-FMBT2222A Datasheet
434Kb / 9P
   SMD NPN Transistor
logo
TAITRON Components Inco...
MMBT2222A TAITRON-MMBT2222A Datasheet
224Kb / 3P
   SMD General Purpose Transistor (NPN)
logo
Formosa MS
FMBT3946DW FORMOSA-FMBT3946DW Datasheet
1Mb / 14P
   Dual NPN PNP SMD Transistor
logo
TAITRON Components Inco...
MMBTA05 TAITRON-MMBTA05 Datasheet
203Kb / 3P
   SMD General Purpose Transistor (NPN)
BC846A TAITRON-BC846A Datasheet
164Kb / 3P
   SMD General Purpose Transistor (NPN)
MMBT3904 TAITRON-MMBT3904 Datasheet
205Kb / 3P
   SMD General Purpose Transistor (NPN)
MMBT4401 TAITRON-MMBT4401 Datasheet
225Kb / 3P
   SMD General Purpose Transistor (NPN)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com