Zakładka z wyszukiwarką danych komponentów |
|
BC848C Arkusz danych(PDF) 5 Page - Formosa MS |
|
BC848C Arkusz danych(HTML) 5 Page - Formosa MS |
5 / 9 page Rating and characteristic curves Page 5 http://www.formosams.com/ TEL:886-2-22696661 FAX:886-2-22696141 BC847/BC848/BC849/BC850 Series Fig. 11.-CAPACITANCE Fig. 8-"ON" VOLTAGE 1.0 Fig. 10-BASE-EMITTER TEMPERATURE COFFICIENT Fig.7- DC CURRENT GAIN I , COLLECTOR CURRENT (mA) C I , BASE CURRENT (mA) B FIG.9- COLLECTOR SATURATION REGION VR, REVERSE VOLTAGE (V) Fig. 12- CURRENT-GAIN-BANDEIDTH PRODUCT I , C COLLECTOR CURRENT(mA) 400 200 100 60 30 20 2.8 0.2 1.0 10 100 COLLECTOR CURRENT (mA) I , C 2.4 I , COLLECT CURRENT (mA) C 0.2 0.5 1.0 10 100 200 0.2 0.4 1.0 V = 10V CE O T = 25 C A 0.6 2.0 0.02 0.1 1.0 10 20 2.0 1.6 1.2 0.8 0.4 0 O T = 25 C A I = C 200mA I = C 100mA I = C 50mA I = 10mA C I = C 20mA 10 5.0 3.0 2.0 1.0 0.4 1.0 10 40 C ib C ob O T = 25 C A 0.5 1.0 2.0 10 50 V = 10V CE O T = 25 C A O O -55 C to 125 C 2.0 1.2 1.6 1.0 0 0.1 0.5 1.0 5.0 10 20 50 100 0.2 0.4 0.6 0.8 V @ I / I = 10 BE(sat) C B V @ C = 10V BE CE V @ I / I = 10 CE(sat) C B O T = 25 C A Document ID Issued Date Revised Date Revision Page. DS-231154 2009/08/10 2011/07/21 C 9 |
Podobny numer części - BC848C |
|
Podobny opis - BC848C |