Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA005D02 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części TPA005D02
Szczegółowy opis  2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA005D02 Arkusz danych(HTML) 3 Page - Texas Instruments

  TPA005D02_10 Datasheet HTML 1Page - Texas Instruments TPA005D02_10 Datasheet HTML 2Page - Texas Instruments TPA005D02_10 Datasheet HTML 3Page - Texas Instruments TPA005D02_10 Datasheet HTML 4Page - Texas Instruments TPA005D02_10 Datasheet HTML 5Page - Texas Instruments TPA005D02_10 Datasheet HTML 6Page - Texas Instruments TPA005D02_10 Datasheet HTML 7Page - Texas Instruments TPA005D02_10 Datasheet HTML 8Page - Texas Instruments TPA005D02_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPA005D02
2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS227C – AUGUST 1998 – REVISED MARCH 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
AGND
3, 7, 20,
46, 47
Analog ground for analog sections
COSC
48
Capacitor I/O for ramp generator. Adjust the capacitor size to change the switching frequency.
CP1
25
First diode node for charge pump
CP2
24
First inverter switching node for charge pump
CP3
23
Second diode node for charge pump
CP4
26
Second inverter switching node for charge pump
FAULT0
42
Logic level fault0 output signal. Lower order bit of the two fault signals with open drain output.
FAULT1
41
Logic level fault1 output signal. Higher order bit of the two fault signals with open drain output.
LCOMP
6
Compensation capacitor terminal for left-channel Class-D amplifier
LINN
4
Class-D left-channel negative input
LINP
5
Class-D left-channel positive input
LOUTN
14, 15
Class-D amplifier left-channel negative output of H-bridge
LOUTP
10, 11
Class-D amplifier left-channel positive output of H-bridge
LPVDD
9, 16
Class-D amplifier left-channel power supply
LSBIAS
28
Level-shifter power supply, to be tied to VCP
MUTE
2
Active-low logic-level mute input signal. When MUTE is held low, the selected amplifier is muted. When MUTE
is held high, the device operates normally. When the Class-D amplifier is muted, the low-side output transistors
are turned on, shorting the load to ground.
NC
17, 18, 19,
30, 31
No internal connection
PGND
12, 13
Power ground for left-channel H–bridge only
PGND
27
Power ground for charge pump only
PGND
36, 37
Power ground for right-channel H-bridge only
PVDD
21, 32
VDD supply for charge-pump and internal logic circuitry
RCOMP
43
Compensation capacitor terminal for right-channel Class-D amplifier
RINN
45
Class-D right-channel negative input
RINP
44
Class-D right-channel positive input
RPVDD
33, 40
Class-D amplifier right-channel power supply
ROUTN
34, 35
Class-D amplifier right-channel negative output of H-bridge
ROUTP
38, 39
Class-D amplifier right-channel positive output of H-bridge
SHUTDOWN
1
Active-low logic-level shutdown input signal. When SHUTDOWN is held low, the device goes into shutdown
mode. When SHUTDOWN is held at logic high, the device operates normally.
V2P5
29
2.5-V internal reference bypass
VCP
22
Storage capacitor terminal for charge pump
VDD
8
VDD bias supply for analog circuitry. This terminal needs to be well filtered to prevent degrading the device
performance.


Podobny numer części - TPA005D02_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA005D02DCA TI-TPA005D02DCA Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA005D02_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D4 TI-TPA2000D4 Datasheet
412Kb / 24P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
TPA2000D4 TI-TPA2000D4_07 Datasheet
643Kb / 27P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com