Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA0102PWPRG4 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA0102PWPRG4
Szczegółowy opis  1.5-W STEREO AUDIO POWER AMPLIFIER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0102PWPRG4 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TPA0102PWPRG4 Datasheet HTML 3Page - Texas Instruments TPA0102PWPRG4 Datasheet HTML 4Page - Texas Instruments TPA0102PWPRG4 Datasheet HTML 5Page - Texas Instruments TPA0102PWPRG4 Datasheet HTML 6Page - Texas Instruments TPA0102PWPRG4 Datasheet HTML 7Page - Texas Instruments TPA0102PWPRG4 Datasheet HTML 8Page - Texas Instruments TPA0102PWPRG4 Datasheet HTML 9Page - Texas Instruments TPA0102PWPRG4 Datasheet HTML 10Page - Texas Instruments TPA0102PWPRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
TPA0102
1.5-W STEREO AUDIO POWER AMPLIFIER
SLOS166E – MARCH 1997 – REVISED MARCH 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
THD + N
Total harmonic distortion plus noise
vs Frequency
4, 5, 7, 8, 11, 12, 14, 15, 17, 18, 20,
21, 23, 24, 26, 27, 29, 30, 32, 33
THD + N
Total harmonic distortion plus noise
vs Output power
3, 6, 9, 10, 13, 16, 19, 22, 25, 28,
31, 34
Vn
Output noise voltage
vs Frequency
35, 36
Supply ripple rejection ratio
vs Frequency
37, 38
Crosstalk
vs Frequency
39–40
Open loop response
vs Frequency
43, 44
Closed loop response
vs Frequency
45 – 48
IDD
Supply current
vs Supply voltage
49
PO
Output power
vs Supply voltage
vs Load resistance
50,51
52,53
PD
Power dissipation
vs Output power
54 – 57
Figure 3
0.1
0.01
0
0.25 0.5 0.75
1
1.25 1.5
1
10
1.75
2
2.25 2.5
PO – Output Power – W
VDD = 5 V
f = 1 kHz
BTL
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
RL = 4 Ω
RL = 8 Ω
Figure 4
0.01
10
20
100
1 k
10 k 20 k
f – Frequency – Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
1
VDD = 5 V
PO = 1.5 W
RL = 4 Ω
BTL
AV = –2 V/V
AV = –20 V/V
AV = –10 V/V
0.1


Podobny numer części - TPA0102PWPRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA0102PWP TI-TPA0102PWP Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA0102PWPRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517_17 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4858 NSC-LM4858 Datasheet
683Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
Texas Instruments
LM4853 TI1-LM4853 Datasheet
1Mb / 25P
[Old version datasheet]   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
National Semiconductor ...
LM4853 NSC-LM4853 Datasheet
869Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com