Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA102 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA102
Szczegółowy opis  150-mW STEREO AUDIO POWER AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA102 Arkusz danych(HTML) 4 Page - Texas Instruments

  TPA102 Datasheet HTML 1Page - Texas Instruments TPA102 Datasheet HTML 2Page - Texas Instruments TPA102 Datasheet HTML 3Page - Texas Instruments TPA102 Datasheet HTML 4Page - Texas Instruments TPA102 Datasheet HTML 5Page - Texas Instruments TPA102 Datasheet HTML 6Page - Texas Instruments TPA102 Datasheet HTML 7Page - Texas Instruments TPA102 Datasheet HTML 8Page - Texas Instruments TPA102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ti.com
AC OPERATING CHARACTERISTICS
AC OPERATING CHARACTERISTICS
AC OPERATING CHARACTERISTICS
TPA102
SLOS213D – AUGUST 1998 – REVISED SEPTEMBER 2004
V
DD = 5 V, TA = 25°C, RL = 8Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power (each channel)
THD
≤ 0.1%
70(1)
mW
THD+N
Total harmonic distortion + noise
PO = 150 mW, 20–20 kHz
2%
BOM
Maximum output power BW
G = 10, THD <5%
>20
kHz
Phase margin
Open loop
56
°
Supply ripple rejection ratio
f = 1 kHz
68
dB
Channel/Channel output separation
f = 1 kHz
86
dB
SNR
Signal-to-noise ratio
PO = 150 mW
100
dB
Vn
Noise output voltage
9.5
µV(rms)
(1)
Measured at 1kHz
V
DD = 3.3 V, TA = 25°C, RL = 32Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power (each channel)
THD
≤ 0.1%
40(1)
mW
THD+N
Total harmonic distortion + noise
PO = 30 mW, 20–20 kHz
0.5%
BOM
Maximum output power BW
AV = 10, THD <2%
>20
kHz
Phase margin
Open loop
58
°
Supply ripple rejection ratio
f = 1 kHz
68
dB
Channel/channel output separation
f = 1 kHz
97
dB
SNR
Signal-to-noise ratio
PO = 100 mW
100
dB
Vn
Noise output voltage
9.5
µV(rms)
(1)
Measured at 1kHz
V
DD = 5 V, TA = 25°C, RL = 32Ω
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
PO
Output power (each channel)
THD
≤ 0.1%
40(1)
mW
THD+N
Total harmonic distortion + noise
PO = 60 mW, 20–20 kHz
0.4%
BOM
Maximum output power BW
AV = 10, THD <2%
>20
kHz
Phase margin
Open loop
56
°
Supply ripple rejection ratio
f = 1 kHz
68
dB
Channel/channel output separation
f = 1 kHz
97
dB
SNR
Signal-to-noise ratio
PO = 150 mW
100
dB
Vn
Noise output voltage
9.5
µV(rms)
(1)
Measured at 1kHz
4


Podobny numer części - TPA102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102DGN TI-TPA102DGN Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com