Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA0242PWPRG4 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części TPA0242PWPRG4
Szczegółowy opis  STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0242PWPRG4 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TPA0242PWPRG4 Datasheet HTML 3Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 4Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 5Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 6Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 7Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 8Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 9Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 10Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
www.ti.com
0.1%
0.01%
0.01
0.1
1%
10%
1
10
f = 20 Hz
f = 1 kHz
PO − Output Power − W
f = 20 kHz
RL = 8 Ω
AV = +20 to +4 dB
BTL
0.01%
10%
20
100
1k
10k 20k
f − Frequency − Hz
1%
0.1%
PO = 0.25 W
PO = 0.5 W
PO = 1 W
RL = 8 Ω
AV = +20 to +4 dB
BTL
0.1%
0.01%
20
1%
10%
10k
f − Frequency − Hz
PO = 25 mW
20k
RL = 32 Ω
AV = +14 to +4 dB
SE
PO = 50 mW
PO = 75 mW
100
1k
0.001%
0.1%
0.01%
0.01
0.1
1%
10%
1
f = 20 Hz
f = 1 kHz
PO − Output Power − W
f = 20 kHz
RL = 32 Ω
AV = +14 to +4 dB
SE
TPA0242
SLOS287C – NOVEMBER 1999 – REVISED SEPTEMBER 2004
TOTAL HARMONIC DISTORTION PLUS NOISE
TOTAL HARMONIC DISTORTION PLUS NOISE
VS
VS
FREQUENCY
OUTPUT POWER
Figure 7.
Figure 8.
TOTAL HARMONIC DISTORTION PLUS NOISE
TOTAL HARMONIC DISTORTION PLUS NOISE
VS
VS
FREQUENCY
OUTPUT POWER
Figure 9.
Figure 10.
7


Podobny numer części - TPA0242PWPRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA0242PWP TI-TPA0242PWP Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results

Podobny opis - TPA0242PWPRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI-TPA0242 Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com