Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA0252PWP Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części TPA0252PWP
Szczegółowy opis  2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0252PWP Arkusz danych(HTML) 4 Page - Texas Instruments

  TPA0252PWP Datasheet HTML 1Page - Texas Instruments TPA0252PWP Datasheet HTML 2Page - Texas Instruments TPA0252PWP Datasheet HTML 3Page - Texas Instruments TPA0252PWP Datasheet HTML 4Page - Texas Instruments TPA0252PWP Datasheet HTML 5Page - Texas Instruments TPA0252PWP Datasheet HTML 6Page - Texas Instruments TPA0252PWP Datasheet HTML 7Page - Texas Instruments TPA0252PWP Datasheet HTML 8Page - Texas Instruments TPA0252PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
OPERATING CHARACTERISTICS
TPA0252
SLOS288B – JUNE 2000 – REVISED SEPTEMBER 2004
DISSIPATION RATING TABLE
PACKAGE
TA≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PWP
2.7 W(1)
21.8 mW/
°C
1.7 W
1.4 W
(1)
See the Texas Instruments document, PowerPAD™Thermally Enhanced Package Application Report
(literature number SLMA002), for more information on the PowerPAD™ package. The thermal data
measured on a PCB layout based on the information in the section entitled Texas Instruments
Recommended Board for PowerPAD™ on page 33 of the before mentioned document.
MIN
MAX
UNIT
Supply voltage, VDD
4.5
5.5
V
Volume control memory supply voltage, VAUX
3
5.5
V
CLK
4.5
SE/BTL, HP/LINE
0.8
× V
DD
High-level input voltage, VIH
V
UP, DOWN
4
SHUTDOWN
2
SE/BTL, HP/LINE
0.6
× V
DD
Low-level input voltage, VIL
SHUTDOWN
0.8
V
UP, DOWN, CLK
0.5
Operating free-air temperature, TA
-40
85
°C
at specified free-air temperature, V
DD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
|VOS|
Output offset voltage (measured differentially)
VI = 0, AV = 2 V/V
35
mV
Supply ripple rejection ratio
VDD = 4.9 V to 5.1 V
67
dB
|IIH|
High-level input current SE/BTL, HP/LINE, SHUTDOWN, UP, DOWN
VDD = 5.5 V, VI = VDD
1
µA
SE/BTL, HP/LINE, SHUTDOWN
1
µA
|IIL|
Low-level input current
VDD = 5.5 V, VI= 0 V
UP, DOWN
125
µA
BTL mode
9
15
IDD
Supply current
mA
SE mode
4.5
7.5
IDD(SD)
Supply current, shutdown mode
150
300
µA
IDD(VAUX) Supply current, VAUX pin (see Figure 29)
VAUX = 5 V, VDD = 0 V
0.7
nA
V
DD = 5 V, TA= 25°C, RL = 4 Ω , Gain = 20 dB, BTL mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD = 10%
2.8
PO
Output power
RL = 3 Ω, f = 1 kHz
W
THD = 1%
2.3
THD + N
Total harmonic distortion plus noise
PO = 1 W, f = 20 Hz to 15 kHz
0.3%
BOM
Maximum output power bandwidth
THD = 5%
>15
kHz
BTL mode
65
f = 1 kHz,
kSVR
Supply ripple rejection ratio
dB
CB = 0.47 µF
SE mode, Gain = 14 dB
60
BTL mode, Gain = 6 dB
17
CB = 0.47 µF,
Vn
Noise output voltage
µVRMS
f = 20 Hz to 20 kHz
SE mode, Gain = 0 dB
44
4


Podobny numer części - TPA0252PWP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA0252PWP TI-TPA0252PWP Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252PWP TI-TPA0252PWP Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252PWPR TI-TPA0252PWPR Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252PWPRG4 TI-TPA0252PWPRG4 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results

Podobny opis - TPA0252PWP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com