Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA0252PWPG4 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części TPA0252PWPG4
Szczegółowy opis  2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0252PWPG4 Arkusz danych(HTML) 1 Page - Texas Instruments

  TPA0252PWPG4 Datasheet HTML 1Page - Texas Instruments TPA0252PWPG4 Datasheet HTML 2Page - Texas Instruments TPA0252PWPG4 Datasheet HTML 3Page - Texas Instruments TPA0252PWPG4 Datasheet HTML 4Page - Texas Instruments TPA0252PWPG4 Datasheet HTML 5Page - Texas Instruments TPA0252PWPG4 Datasheet HTML 6Page - Texas Instruments TPA0252PWPG4 Datasheet HTML 7Page - Texas Instruments TPA0252PWPG4 Datasheet HTML 8Page - Texas Instruments TPA0252PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
www.ti.com
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
LOUT–
SHUTDOWN
PVDD
UP
DOWN
CLK
BYPASS
PVDD
VAUX
PC-BEEP
ROUT–
GND
GND
LOUT+
SE/BTL
LIN
LLINEIN
LHPIN
VDD
RHPIN
RLINEIN
RIN
HP/LINE
ROUT+
PWP PACKAGE
(TOP VIEW)
TPA0252
SLOS288B – JUNE 2000 – REVISED SEPTEMBER 2004
2.8-W STEREO AUDIO POWER AMPLIFIER
WITH DIGITAL VOLUME CONTROL
Internal Memory Restores Volume Setting
After Shutdown or Power Down
Digital Volume Control From 20 dB to -40 dB
2.8-W/Ch Output Power Into 3-
Ω Load
Stereo Input MUX
Compatible With PC 99 Desktop Line-Out Into
10-k
Ω Load
Compatible With PC 99 Portable Into 8-
Ω Load
PC-Beep Input
Depop Circuitry
Fully Differential Input
Low Supply Current and Shutdown Current
Surface-Mount Power Packaging 24-Pin
TSSOP PowerPAD™
DESCRIPTION
The TPA0252 is a stereo audio power amplifier in a 24-pin TSSOP thermally-enhanced package capable of
delivering 2.8 W of continuous RMS power per channel into 3-
Ω loads. This device minimizes the number of
external components needed, which simplifies the design and frees up board space for other features. When
driving 1 W into 8-
Ω speakers, the TPA0252 has less than 0.3% THD+N across its specified frequency range.
The integrated depop circuitry virtually eliminates transients that cause noise in the speakers.
Amplifier gain is controlled by two terminals, UP and DOWN. There are 31 discrete steps covering the range of
20 dB (maximum volume setting) to –40 dB (minimum volume setting) in 2 dB steps. By pressing either button
momentarily, the volume steps up or down 2 dB. If a button is held down, the device starts stepping through
volume settings at a rate determined by the capacitor on the CLK terminal.
An internal input MUX, controlled by the HP/LINE pin, allows two sets of stereo inputs to the amplifier. In
notebook applications, where internal speakers are driven as bridge-tied loads (BTL) and the line outputs (often
headphone drive) are required to be single-ended (SE), the TPA0252 automatically switches into SE mode when
the SE/BTL input is activated. This effectively reduces the gain by 6 dB.
The TPA0252 includes a VAUX terminal that is used to power the volume-setting registers when the device is in
SHUTDOWN, and even if the main VDD power supply is removed. As long as the VAUX terminal is held above 3
V, the registers are maintained. If the VAUX terminal is allowed to go below 3 V, then the data in the registers is
lost, and the default gain of –10 dB is loaded into the registers.
The TPA0252 consumes only 9 mA of supply current during normal operation. A miserly shutdown mode
reduces the supply current to 150 µA.
The PowerPAD™ package (PWP) delivers a level of thermal performance that was previously achievable only in
TO-220-type packages. Thermal impedances of approximately 35
°C/W are truly realized in multilayer PCB
applications. This allows the TPA0252 to operate at full power into 8-
Ω loads at ambient temperatures of 85°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - TPA0252PWPG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA0252PWP TI-TPA0252PWP Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252PWP TI-TPA0252PWP Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252PWPR TI-TPA0252PWPR Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252PWPRG4 TI-TPA0252PWPRG4 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results

Podobny opis - TPA0252PWPG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com