Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2036D1YZFR Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA2036D1YZFR
Szczegółowy opis  2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2036D1YZFR Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TPA2036D1YZFR Datasheet HTML 4Page - Texas Instruments TPA2036D1YZFR Datasheet HTML 5Page - Texas Instruments TPA2036D1YZFR Datasheet HTML 6Page - Texas Instruments TPA2036D1YZFR Datasheet HTML 7Page - Texas Instruments TPA2036D1YZFR Datasheet HTML 8Page - Texas Instruments TPA2036D1YZFR Datasheet HTML 9Page - Texas Instruments TPA2036D1YZFR Datasheet HTML 10Page - Texas Instruments TPA2036D1YZFR Datasheet HTML 11Page - Texas Instruments TPA2036D1YZFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
−90
−80
−70
−60
−50
−40
−30
20
100
1 k
10 k
VDD = 2.5 V
VDD = 5 V
f − Frequency − Hz
Inputs floating
RL = 8 Ω
VDD = 3.6 V
20 k
−90
−80
−70
−60
−50
−40
−30
20
100
1 k
20 k
VDD = 2.5 V
VDD = 3.6 V
f − Frequency − Hz
Inputs ac-grounded
CI = 2 µF
RL = 4 Ω
Gain = 2 V/V
VDD = 5 V
10 k
−90
−80
−70
−60
−50
−40
−30
20
100
1 k
20 k
f − Frequency − Hz
VDD = 2. 5 V
VDD = 3.6 V
VDD = 5 V
Inputs ac-grounded
CI = 2 µF
RL = 8 Ω
Gain = 2 V/V
10 k
C1 − High
3.6 V
C1 − Amp
512 mV
C1 − Duty
12%
t − Time − 2 ms/div
VDD
200 mV/div
VOUT
20 mV/div
−150
−100
−50
0
400
800
1200
1600
2000
−150
−100
−50
0
0
f − Frequency − Hz
VDD Shown in Figure 22
CI = 2 µF,
Inputs ac-grounded
Gain = 2V/V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
1
2
3
4
5
VIC − Common Mode Input Voltage − V
VDD = 5 V,
Gain = 2
VDD = 2.5 V
VDD = 3.6 V
−75
−70
−65
−60
−55
−50
20
100
1 k
20 k
VDD = 3.6 V
f − Frequency − Hz
VIC = 200 mVPP
RL = 8 Ω
Gain = 2 V/V
10 k
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5 5
DC Common Mode Voltage − V
VDD = 2. 5 V
VDD = 3.6 V
VDD = 5 V
TPA2036D1
SLOS589 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
SUPPLY RIPPLE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 19.
Figure 20.
GSM POWER SUPPLY REJECTION
GSM POWER SUPPLY REJECTION
vs
vs
TIME
FREQUENCY
Figure 22.
Figure 23.
SUPPLY RIPPLE REJECTION RATIO
COMMON-MODE REJECTION RATIO
COMMON-MODE REJECTION RATIO
vs
vs
vs
DC COMMON MODE VOLTAGE
FREQUENCY
COMMON-MODE INPUT VOLTAGE
Figure 24.
Figure 25.
Figure 26.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2036D1


Podobny numer części - TPA2036D1YZFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2036D1YZF TI-TPA2036D1YZF Datasheet
774Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2036D1YZF TI1-TPA2036D1YZF Datasheet
756Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
More results

Podobny opis - TPA2036D1YZFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2036D1 TI1-TPA2036D1_11 Datasheet
756Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2036D1 TI-TPA2036D1 Datasheet
774Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
logo
Eutech Microelectronics...
EUA2036 EUTECH-EUA2036 Datasheet
155Kb / 1P
   Low EMI, 2.8-W Mono Filterless Class-D Audio Power Amplifier with Auto-Recovery
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2012A EUTECH-EUA2012A Datasheet
159Kb / 1P
   2.5-W/CH Stereo Filter-less Class-D Audio Power Amplifier with Auto-Recovery
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com