Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3124D2PWP Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3124D2PWP
Szczegółowy opis  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3124D2PWP Arkusz danych(HTML) 4 Page - Texas Instruments

  TPA3124D2PWP Datasheet HTML 1Page - Texas Instruments TPA3124D2PWP Datasheet HTML 2Page - Texas Instruments TPA3124D2PWP Datasheet HTML 3Page - Texas Instruments TPA3124D2PWP Datasheet HTML 4Page - Texas Instruments TPA3124D2PWP Datasheet HTML 5Page - Texas Instruments TPA3124D2PWP Datasheet HTML 6Page - Texas Instruments TPA3124D2PWP Datasheet HTML 7Page - Texas Instruments TPA3124D2PWP Datasheet HTML 8Page - Texas Instruments TPA3124D2PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
DC CHARACTERISTICS
AC CHARACTERISTICS
TPA3124D2
SLOS578 – MAY 2008........................................................................................................................................................................................................ www.ti.com
TA = 25°C, VCC = 24 V, RL =8Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Class-D output offset voltage
| VOS |
(measured differentially in BTL
VI = 0 V, AV = 36 dB
7.5
50
mV
mode as shown in Figure 36)
V(BYPASS)
Bypass output voltage
No load
AVCC/8
V
ICC(q)
Quiescent supply current
SD = 2 V, MUTE = 0 V, no load
16
30
mA
ICC(q)
Quiescent supply current in
MUTE = 0.8 V, no load
16
mA
mute mode
ICC(q)
Quiescent supply current in
SD = 0.8 V, no load
0.39
1
mA
shutdown mode
rDS(on)
Drain-source on-state
450
210
m
resistance
GAIN0 = 0.8 V
18
20
22
GAIN1 = 0.8 V
GAIN0 = 2 V
24
26
28
G
Gain
dB
GAIN0 = 0.8 V
30
32
34
GAIN = 2 V
GAIN0 = 2 V
34
36
38
Mute attenuation
VI = 1 Vrms
–80
dB
TA = 25°C, VCC = 24 V, RL = 8Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 24, Vripple = 200 mVPP
100 Hz
–48
ksvr
Supply ripple rejection
dB
Gain = 20 dB
1 kHz
–52
Output power at 1% THD+N
VCC = 24 V, f = 1 kHz
8
PO
W
Output power at 10% THD+N
VCC = 24 V, f = 1 kHz
10
Total harmonic distortion +
f = 1 kHz, PO = 5 W
0.04%
THD+N
noise
125
µV
20 Hz to 22 kHz, A-weighted filter,
Vn
Output integrated noise floor
Gain = 20 dB
–78
dBV
Crosstalk
PO = 1 W, f = 1 kHz; gain = 20 dB
–70
dB
Max output at THD+N < 1%, f = 1 kHz,
SNR
Signal-to-noise ratio
–92
dB
gain = 20 dB
Thermal trip point
150
°C
Thermal hysteresis
30
°C
fOSC
Oscillator frequency
250
300
350
kHz
Δt mute
Mute delay
Time from mute input switches high until
30
µsec
outputs muted
Δt unmute
Unmute delay
Time from mute input switches low until
120
msec
outputs unmuted
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA3124D2


Podobny numer części - TPA3124D2PWP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3124D2PWPR TI-TPA3124D2PWPR Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2PWPR TI-TPA3124D2PWPR Datasheet
640Kb / 27P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA3124D2PWP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com