Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA6013A4 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części TPA6013A4
Szczegółowy opis  3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6013A4 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TPA6013A4_16 Datasheet HTML 7Page - Texas Instruments TPA6013A4_16 Datasheet HTML 8Page - Texas Instruments TPA6013A4_16 Datasheet HTML 9Page - Texas Instruments TPA6013A4_16 Datasheet HTML 10Page - Texas Instruments TPA6013A4_16 Datasheet HTML 11Page - Texas Instruments TPA6013A4_16 Datasheet HTML 12Page - Texas Instruments TPA6013A4_16 Datasheet HTML 13Page - Texas Instruments TPA6013A4_16 Datasheet HTML 14Page - Texas Instruments TPA6013A4_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Gain − dB
−40 −35 −30 −25 −20 −15 −10
−5
0
5
10
15
20
0
20k
40k
60k
80k
100k
120k
Differential
Single−Ended
VDD = 5.0 V
RL = No Load
f − Frequency − Hz
20
100
1k
10k
20k
−120
−100
−80
−60
−40
−20
0
Line Active
HP Active
VDD = 5.0 V
RL = 4 Ω
VIN = 1 VRMS − BTL Output
Gain = 18 dB
f − Frequency − Hz
20
100
1k
10k
20k
−80
−60
−40
−20
0
Gain = 6 dB
Gain = 18 dB
VDD = 5.0 V
RL = 4 Ω
BTL Output
Supply Ripple = 0.2 Vpp Sine Wave
f − Frequency − Hz
20
100
1k
10k
20k
−80
−60
−40
−20
0
Gain = 0 dB
Gain = 12 dB
VDD = 5.0 V
RL = 32 Ω
SE Output
Supply Ripple = 0.2 Vpp Sine Wave
PO − Total Output Power − W
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
RL = 3 Ω
RL = 4 Ω
RL = 8 Ω
VDD = 5.0 V
LINEIN Input
BTL Output
Gain = 6 dB
PO − Total Output Power − W
0
100m
200m
300m
400m
500m
0
25m
50m
75m
100m
125m
RL = 16 Ω
RL = 32 Ω
VDD = 5.0 V
HPIN Input
SE Output
Gain = 0 dB
TPA6013A4
www.ti.com
SLOS635 – NOVEMBER 2009
INTER-CHANNEL CROSSTALK
INPUT IMPEDANCE
vs
vs
FREQUENCY
GAIN
Figure 16.
Figure 17.
POWER SUPPLY REJECTION RATIO (BTL)
POWER SUPPLY REJECTION RATIO (SE)
vs
vs
FREQUENCY
FREQUENCY
Figure 18.
Figure 19.
SUPPLY CURRENT (BTL)
SUPPLY CURRENT (SE)
vs
vs
TOTAL OUTPUT POWER
TOTAL OUTPUT POWER
Figure 20.
Figure 21.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPA6013A4


Podobny numer części - TPA6013A4_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWPG4 TI-TPA6013A4PWPG4 Datasheet
643Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWPG4 TI1-TPA6013A4PWPG4 Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWPRG4 TI-TPA6013A4PWPRG4 Datasheet
643Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWPRG4 TI1-TPA6013A4PWPRG4 Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

Podobny opis - TPA6013A4_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4 TI-TPA6013A4 Datasheet
643Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA3011 UTC-PA3011 Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com