Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD6E05U06 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części TPD6E05U06
Szczegółowy opis  1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPD6E05U06 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TPD6E05U06 Datasheet HTML 3Page - Texas Instruments TPD6E05U06 Datasheet HTML 4Page - Texas Instruments TPD6E05U06 Datasheet HTML 5Page - Texas Instruments TPD6E05U06 Datasheet HTML 6Page - Texas Instruments TPD6E05U06 Datasheet HTML 7Page - Texas Instruments TPD6E05U06 Datasheet HTML 8Page - Texas Instruments TPD6E05U06 Datasheet HTML 9Page - Texas Instruments TPD6E05U06 Datasheet HTML 10Page - Texas Instruments TPD6E05U06 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7
TPD1E05U06, TPD4E05U06, TPD6E05U06
www.ti.com
SLVSBO7J – DECEMBER 2012 – REVISED MARCH 2016
Product Folder Links: TPD1E05U06 TPD4E05U06 TPD6E05U06
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
Transmission Line Pulse (TLP) with 100 ns width, 200 ps rise time.
(2)
Extraction of RDYN using least squares fit of TLP characteristics between I = 10 A and I = 20 A.
(3)
Capacitance data is taken at 25°C.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off voltage
IIO < 10 µA
5.5
V
VBR
Break-down Voltage
IIO = 1 mA
6
8.5
V
Vclamp
Clamp voltage
I = 1 A, TLP, I/O to ground(1)
10
V
I = 5 A, TLP, I/O to ground(1)
14
I = 1 A, TLP, ground to I/O (1)
3
I = 5 A, TLP, ground to I/O (1)
7
ILEAK
Leakage current
VIO = 2.5 V
0.01
10
nA
RDYN
DPY package dynamic
resistance
I/O to GND(2)
0.8
Ω
GND to I/O(2)
0.8
DQA package dynamic
resistance
I/O to GND(2)
0.8
Ω
GND to I/O(2)
0.8
RVZ package dynamic
resistance
I/O to GND(2)
0.8
Ω
GND to I/O(2)
0.8
Capacitance
CL
Line capacitance(3)
VIO = 2.5 V, f = 1 MHz,
I/O to GND
TPD1E05U06 DPY
package
0.42
pF
TPD4E05U06 DQA
package
0.5
TPD6E05U06 RVZ
package
0.47
ΔCIO-TO-
GND
Variation of channel input
capacitance
GND Pin = 0 V, F = 1 GHz, VBIAS = 2.5 V,
channel_x pin to GND – channel_y pin to GND
0.05
0.07
pF
CCROSS
Channel to channel input
capacitance
GND Pin = 0 V, F = 1 GHz, VBIAS = 2.5 V, between
channel pins
0.01
0.06
pF


Podobny numer części - TPD6E05U06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD6E05U06 TI-TPD6E05U06 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD6E05U06 TI-TPD6E05U06 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD6E05U06RVZR TI-TPD6E05U06RVZR Datasheet
518Kb / 15P
[Old version datasheet]   1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
TPD6E05U06RVZR TI-TPD6E05U06RVZR Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD6E05U06RVZR TI-TPD6E05U06RVZR Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
More results

Podobny opis - TPD6E05U06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD1E05U06 TI-TPD1E05U06_V01 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06 TI-TPD1E05U06_V02 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD1E05U06 TI-TPD1E05U06 Datasheet
518Kb / 15P
[Old version datasheet]   1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
TPD4E110 TI1-TPD4E110 Datasheet
8Mb / 19P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110 TI1-TPD4E110_16 Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E05U06-Q1 TI1-TPD4E05U06-Q1 Datasheet
1,004Kb / 22P
[Old version datasheet]   1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps) Interface
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
[Old version datasheet]   2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com