Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD2E2U06 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części TPD2E2U06
Szczegółowy opis  Dual-Channel High-Speed ESD Protection Device
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E2U06 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TPD2E2U06 Datasheet HTML 3Page - Texas Instruments TPD2E2U06 Datasheet HTML 4Page - Texas Instruments TPD2E2U06 Datasheet HTML 5Page - Texas Instruments TPD2E2U06 Datasheet HTML 6Page - Texas Instruments TPD2E2U06 Datasheet HTML 7Page - Texas Instruments TPD2E2U06 Datasheet HTML 8Page - Texas Instruments TPD2E2U06 Datasheet HTML 9Page - Texas Instruments TPD2E2U06 Datasheet HTML 10Page - Texas Instruments TPD2E2U06 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
GND
IO1
IO2
TPD2E2U06
www.ti.com
SLLSEG9B – JUNE 2013 – REVISED MAY 2015
8 Detailed Description
8.1 Overview
The TPD2E2U06 is a dual-channel low capacitance TVS diode ESD protection device. The device offers ±25-kV
contact and ±30-kV air-gap ESD protection in accordance with the IEC 61000-4-2 standard. The 1.5-pF line
capacitance of the TPD2E2U06 makes the device suitable for a wide range of applications. Typical application
interfaces are USB 2.0, LVDS, and I2C.
8.2 Functional Block Diagram
8.3 Feature Description
The TPD2E2U06 is a dual-channel low capacitance TVS diode ESD protection device. The device offers ±25-kV
contact and ±30-kV air-gap ESD protection in accordance with the IEC 61000-4-2 standard. The 1.5-pF line
capacitance of the TPD2E2U06 makes the device suitable for a wide range of applications. Typical application
interfaces are USB 2.0, LVDS, and I2C.
8.3.1 IEC 61000-4-2 Level 4
The I/O pins can withstand ESD events up to ±25-kV contact and ±30-kV air. An ESD/surge clamp diverts the
current to ground.
8.3.2 IO Capacitance
The capacitance between each I/O pin to ground is 1.5 pF. These capacitances support data rates in excess of
1.5 Gbps.
8.3.3 DC Breakdown Voltage
The DC breakdown voltage of each I/O pin is a minimum of 6.5 V. This ensures that sensitive equipment is
protected from surges above the reverse standoff voltage of 5.5 V.
8.3.4 Ultra-Low Leakage Current
The I/O pins feature an ultra-low leakage current of 10 nA (Max) with a bias of 2.5 V.
8.3.5 Low ESD Clamping Voltage
The I/O pins feature an ESD clamp that is capable of clamping the voltage to 9.7 V (IPP = 1 A).
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPD2E2U06


Podobny numer części - TPD2E2U06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive Dual-Channel High-Speed ESD Protection Device
More results

Podobny opis - TPD2E2U06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
[Old version datasheet]   DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
TPD4E1U06 TI-TPD4E1U06 Datasheet
950Kb / 14P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1U06 TI1-TPD4E1U06_14 Datasheet
914Kb / 15P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1B06 TI-TPD4E1B06 Datasheet
831Kb / 12P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR-TP TECHPUBLIC-TPD4E1U06DBVR-TP Datasheet
2Mb / 4P
   Quad-Channel High-Speed ESD Protection Device
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002 Datasheet
257Kb / 6P
   Dual Channel ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com