Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD3S044 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części TPD3S044
Szczegółowy opis  Current Limit Switch and D/D??ESD Protection for USB Host Ports
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPD3S044 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TPD3S044 Datasheet HTML 6Page - Texas Instruments TPD3S044 Datasheet HTML 7Page - Texas Instruments TPD3S044 Datasheet HTML 8Page - Texas Instruments TPD3S044 Datasheet HTML 9Page - Texas Instruments TPD3S044 Datasheet HTML 10Page - Texas Instruments TPD3S044 Datasheet HTML 11Page - Texas Instruments TPD3S044 Datasheet HTML 12Page - Texas Instruments TPD3S044 Datasheet HTML 13Page - Texas Instruments TPD3S044 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Voltage (V)
-2 -1
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D001
Time (ns)
-25
0
25
50
75
100
125
150
175
200
225
-10
0
10
20
30
40
50
60
70
80
90
100
D001
D1/D2 Pins
Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
30
32.5
35
D001
Voltage (V)
0
0.8
1.6
2.4
3.2
4
4.8
5.6
6.4
7.2
8
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
30
32.5
35
D001
Junction Temprature (GC)
-40
-20
0
20
40
60
80
100
120
140
56
58
60
62
64
66
68
70
72
D001
All Unit Types, VIN = 5.5 V
Input Voltage (V)
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
45
50
55
60
65
70
75
80
85
D001
All Unit Types
-40 (°C)
25 (°C)
85 (°C)
125 (°C)
TPD3S014, TPD3S044
SLVSCP4B – OCTOBER 2014 – REVISED AUGUST 2015
www.ti.com
Typical Characteristics (continued)
Figure 18. Enabled Supply Current (ISE) vs Temperature
Figure 19. Enabled Supply Current (ISE) vs Input Voltage
Figure 20. TPD3S044 D1/D2 Positive TLP Curve
Figure 21. TPD3S044 D1/D2 Negative TLP Curve
Figure 22. D1/D2 I-V Curve
Figure 23. D1/D2 IEC61000-4-2 +8-kV Contact
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPD3S014 TPD3S044


Podobny numer części - TPD3S044

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD3S0 TI1-TPD3S0 Datasheet
2Mb / 30P
[Old version datasheet]   TPD3S0x4 Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD3S014 TI1-TPD3S014 Datasheet
2Mb / 28P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
TPD3S014-Q1 TI1-TPD3S014-Q1 Datasheet
2Mb / 28P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
TPD3S014TDBVRQ1 TI1-TPD3S014TDBVRQ1 Datasheet
2Mb / 28P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
TPD3S014 TI1-TPD3S014_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPD3S0x4 Current Limit Switch and D/D??ESD Protection for USB Host Ports
More results

Podobny opis - TPD3S044

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD3S014 TI1-TPD3S014_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPD3S0x4 Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD3S014-Q1 TI1-TPD3S014-Q1 Datasheet
2Mb / 28P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
logo
ON Semiconductor
CM1240 ONSEMI-CM1240 Datasheet
79Kb / 6P
   Dual-Voltage ESD Protection Array for USB Ports
April 2010 ??Rev.3
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
Maxim Integrated Produc...
MAX1930 MAXIM-MAX1930 Datasheet
287Kb / 7P
   Current-Limited Switch for Two USB Ports
Rev 2; 11/02
logo
Microsemi Corporation
LX7203 MICROSEMI-LX7203 Datasheet
315Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
logo
Maxim Integrated Produc...
MAX14529 MAXIM-MAX14529 Datasheet
266Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
MAX14529E MAXIM-MAX14529E Datasheet
197Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
logo
Microsemi Corporation
LX7201 MICROSEMI-LX7201 Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
LX7202 MICROSEMI-LX7202 Datasheet
280Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com