Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD4E001-Q1 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części TPD4E001-Q1
Szczegółowy opis  4-Channel ESD Protection Array With 1.5-pF I/O Capacitance
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E001-Q1 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TPD4E001-Q1_15 Datasheet HTML 2Page - Texas Instruments TPD4E001-Q1_15 Datasheet HTML 3Page - Texas Instruments TPD4E001-Q1_15 Datasheet HTML 4Page - Texas Instruments TPD4E001-Q1_15 Datasheet HTML 5Page - Texas Instruments TPD4E001-Q1_15 Datasheet HTML 6Page - Texas Instruments TPD4E001-Q1_15 Datasheet HTML 7Page - Texas Instruments TPD4E001-Q1_15 Datasheet HTML 8Page - Texas Instruments TPD4E001-Q1_15 Datasheet HTML 9Page - Texas Instruments TPD4E001-Q1_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
IO3
IO4
GND
IO2
IO1
V
CC
TPD4E001-Q1
SLLSEG0D – MARCH 2013 – REVISED AUGUST 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TPD4E001-Q1 device is a low-capacitance, TVS diode array designed for ESD protection in sensitive
electronics connected to communication lines. Each channel consists of a pair of transient voltage suppression
diodes that steer ESD pulses to VCC or GND. The TPD4E001-Q1 device protects against ESD events up to ±8-
kV contact discharge and ±15-kV air-gap discharge, as specified in IEC 61000-4-2 international standard. This
device has a low capacitance of 1.5-pF per channel making it ideal for use in high-speed data interfaces. The
low-leakage current (10 nA max) ensures minimum power consumption for the system and high accuracy for
analog interfaces.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 AEC-Q100 Qualified
This device is qualified according to the AEC-Q100 standard. The device temperature rating is Grade 1 (–40°C
to 125°C). The HBM Classification Level passed is 3B (> 8 kV). The CDM Classification Level passed is C5 (all
pins 750 V to <1000 V).
7.3.2 IEC 61000-4-2 Level 4 ESD Protection
The device is specified at ±8-kV contact discharge and ±15-kV air gap discharge.
7.3.3 IEC 61000-4-5 Surge Protection
This device is rated to pass at least 5.5-A of peak pulse current according to the IEC 61000-4-5 (8/20-µs pulse)
standard.
7.3.4 Low 1.5-pF Input Capacitance
This device has a typical capacitance of 1.5-pF on each of the four IO pins. This allows for high speed signals on
the IO pins in excess of 1 Gbps.
7.3.5 Low 10-nA (Max) Leakage Current
This device is rated to have a maximum leakage current of 10-nA on each of the four IO pins.
7.3.6 0.9-V to 5.5-V Supply Voltage Range
This device is specified to operate with a supply voltage (on VCC) between 0.9-V and 5.5-V to ensure sufficient
signal integrity.
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPD4E001-Q1


Podobny numer części - TPD4E001-Q1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD4E001-Q1 TI1-TPD4E001-Q1_14 Datasheet
732Kb / 14P
[Old version datasheet]   4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
More results

Podobny opis - TPD4E001-Q1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD4E001-Q1 TI1-TPD4E001-Q1_14 Datasheet
732Kb / 14P
[Old version datasheet]   4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
TPD4E001 TI-TPD4E001_11 Datasheet
744Kb / 19P
[Old version datasheet]   4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
logo
ON Semiconductor
CM1293A-04SO ONSEMI-CM1293A-04SO_12 Datasheet
706Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
January, 2012 ??Rev. 0
CM1213A-04SO ONSEMI-CM1213A-04SO_14 Datasheet
424Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
July, 2014 ??Rev. 1
ESD1213A-04S7 ONSEMI-ESD1213A-04S7 Datasheet
473Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
March, 2012 ??Rev. 0
logo
Socay Electornics Co., ...
ESD06V36T-4LC SOCAY-ESD06V36T-4LC Datasheet
727Kb / 4P
   4-Channel Low Capacitance ESD Protection Diodes Array
logo
HY ELECTRONIC CORP.
HYESD0524P HY-HYESD0524P Datasheet
254Kb / 4P
   4 Channel Low Capacitance ESD Protection Diode Array
HYESD0514P HY-HYESD0514P Datasheet
253Kb / 4P
   4 Channel Low Capacitance ESD Protection Diode Array
logo
Leshan Radio Company
LRC099-04ABT1G LRC-LRC099-04ABT1G Datasheet
458Kb / 5P
   4-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
LRC099-04DT1G LRC-LRC099-04DT1G Datasheet
361Kb / 5P
   4-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com