Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD4E1U06 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części TPD4E1U06
Szczegółowy opis  Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E1U06 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TPD4E1U06 Datasheet HTML 3Page - Texas Instruments TPD4E1U06 Datasheet HTML 4Page - Texas Instruments TPD4E1U06 Datasheet HTML 5Page - Texas Instruments TPD4E1U06 Datasheet HTML 6Page - Texas Instruments TPD4E1U06 Datasheet HTML 7Page - Texas Instruments TPD4E1U06 Datasheet HTML 8Page - Texas Instruments TPD4E1U06 Datasheet HTML 9Page - Texas Instruments TPD4E1U06 Datasheet HTML 10Page - Texas Instruments TPD4E1U06 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
5
10
15
20
25
30
35
40
45
50
Time ( s)
0
10
20
30
40
50
60
70
80
90
100
Power (W)
Current (A)
1
10
100
1000
–40
25
45
65
85
Temperature(°C)
0.00
1.00
2.00
2.50
3.00
4.00
5.00
IO Voltage (V)
1.00
1.20
1.40
1.60
1.80
2.00
2.20
7
TPD4E001
www.ti.com
SLLS682L – JULY 2006 – REVISED MAY 2016
Product Folder Links: TPD4E001
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
6.7 Typical Characteristics
Figure 1. IO Capacitance vs IO Voltage (VCC = 5 V)
Figure 2. IO Leakage Current vs Temperature (VCC = 5.5 V)
Figure 3. Peak Pulse Waveform, VCC = 5.5 V


Podobny numer części - TPD4E1U06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD4E1U06 TI-TPD4E1U06 Datasheet
950Kb / 14P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1U06 TI1-TPD4E1U06 Datasheet
914Kb / 15P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1U06 TI1-TPD4E1U06 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E1U06 TI1-TPD4E1U06 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E1U06DBVR TI-TPD4E1U06DBVR Datasheet
950Kb / 14P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
More results

Podobny opis - TPD4E1U06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD2E001 TI1-TPD2E001_17 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
logo
Vishay Siliconix
GL05-HT3 VISHAY-GL05-HT3 Datasheet
52Kb / 3P
   Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
Rev. 3, 03-Jun-03
logo
AMAZING Microelectronic...
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com