Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4956 Arkusz danych(PDF) 2 Page - EIC discrete Semiconductors

Numer części 1N4956
Szczegółowy opis  SILICON ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EIC [EIC discrete Semiconductors]
Strona internetowa  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N4956 Arkusz danych(HTML) 2 Page - EIC discrete Semiconductors

  1N4956 Datasheet HTML 1Page - EIC discrete Semiconductors 1N4956 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Rating at25 °C ambient temperature unless otherwise specified)
Nominal Zener
Maximum Reverse Temp. coefficient Maximum DC
Voltage
Surge
Voltage
Leakage Current
of Zener Voltage Zener Current Regulation(1) Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK=1mA
IR @ VR
αVZ @ IZT
IZM
ΔVZ
IZSM
(V)
(mA)
(Ω)(Ω)
(
μA)
(V)
(% / °C)
(mA)
(V)
(A)
1N4954
6.8
175
1.0
1000
150
5.2
0.05
700
0.7
29.3
1N4955
7.5
175
1.5
800
100
5.7
0.06
630
0.7
26.4
1N4956
8.2
150
1.5
600
50
6.2
0.06
580
0.7
24.0
1N4957
9.1
150
2.0
400
25
6.9
0.06
520
0.7
22.0
1N4958
10
125
2.0
125
25.0
7.6
0.07
475
0.8
20.0
1N4959
11
125
2.5
130
10.0
8.4
0.07
430
0.8
19.0
1N4960
12
100
2.5
140
10.0
9.1
0.07
395
0.8
18.0
1N4961
13
100
3.0
145
10.0
9.9
0.08
365
0.9
16.0
1N4962
15
75
3.5
150
5.0
11.4
0.08
315
1.0
12.0
1N4963
16
75
3.5
155
5.0
12.2
0.08
294
1.1
10.0
1N4964
18
65
4.0
160
5.0
13.7
0.085
264
1.2
9.0
1N4965
20
65
4.5
165
2.0
15.2
0.085
237
1.5
8.0
1N4966
22
50
5.0
170
2.0
16.7
0.085
216
1.8
7.0
1N4967
24
50
5.0
175
2.0
18.2
0.090
198
2.0
6.5
1N4968
27
50
6.0
180
2.0
20.6
0.090
176
2.0
6.0
1N4969
30
40
8.0
190
2.0
22.8
0.090
158
2.5
5.5
1N4970
33
40
10
200
2.0
25.1
0.095
144
2.8
5.0
1N4971
36
30
11
220
2.0
27.4
0.095
132
3.0
4.5
1N4972
39
30
14
230
2.0
29.7
0.095
122
3.0
4.0
1N4973
43
30
20
240
2.0
32.7
0.095
110
3.3
3.5
1N4974
47
25
25
250
2.0
35.8
0.095
100
3.2
3.2
1N4975
51
25
27
270
2.0
38.8
0.095
92
4.0
3.0
1N4976
56
20
35
320
2.0
42.6
0.095
84
4.4
2.8
1N4977
62
20
42
400
2.0
47.1
0.100
76
5.0
2.5
1N4978
68
20
50
500
2.0
51.7
0.100
70
5.5
2.2
1N4979
75
20
55
620
2.0
56.0
0.100
63
6.0
2.0
1N4980
82
15
80
720
2.0
62.2
0.100
58
6.6
1.8
1N4981
91
15
90
760
2.0
69.2
0.100
52.5
7.5
1.6
1N4982
100
12
110
800
2.0
76.0
0.100
47.5
8.0
1.4
1N4983
110
12
125
1000
2.0
83.6
0.100
43
9.0
1.2
1N4984
120
10
170
1150
2.0
91.2
0.100
39.5
10
1.00
1N4985
130
10
190
1250
2.0
98.8
0.105
36.6
11
0.80
1N4986
150
8
330
1500
2.0
114
0.105
31.6
13
0.75
1N4987
160
8
350
1650
2.0
121.6
0.105
29.4
14
0.70
1N4988
180
5
450
1750
2.0
136.8
0.110
26.4
16
0.60
1N4989
200
5
500
1850
2.0
152
0.110
23.6
18
0.50
Note :
(1) Maximum voltage change ΔVZ between10% of IZM and 50% of IZM
(2) Standard voltage tolerance is ± 5%
Page 2 of 2
Rev. 01 : October 28, 2008
TYPE
Maximum Zener
Impedance
www.eicsemi.com


Podobny numer części - 1N4956

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
1N4956 SEMTECH-1N4956 Datasheet
93Kb / 2P
   5 WATT VOLTAGE REGULATOR
logo
New Jersey Semi-Conduct...
1N4956 NJSEMI-1N4956 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4956 NJSEMI-1N4956 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4956 NJSEMI-1N4956 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4956 NJSEMI-1N4956 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
More results

Podobny opis - 1N4956

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
1N4736A PANJIT-1N4736A_09 Datasheet
360Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4832 NJSEMI-1N4832 Datasheet
77Kb / 1P
   SILICON ZENER DIODE
logo
Seme LAB
1N4109D2A SEME-LAB-1N4109D2A Datasheet
195Kb / 3P
   SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G_10 Datasheet
304Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N5930 NJSEMI-1N5930 Datasheet
67Kb / 1P
   SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G Datasheet
399Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4833 NJSEMI-1N4833 Datasheet
76Kb / 1P
   SILICON ZENER DIODE
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
   ZENER DIODE SILICON PLANAR DIODE
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
M/A-COM Technology Solu...
1N957BUR-1 MA-COM-1N957BUR-1 Datasheet
709Kb / 5P
   Silicon Zener Diode Series
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com