Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPIC43T02 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części TPIC43T02
Szczegółowy opis  THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC43T02 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TPIC43T02 Datasheet HTML 6Page - Texas Instruments TPIC43T02 Datasheet HTML 7Page - Texas Instruments TPIC43T02 Datasheet HTML 8Page - Texas Instruments TPIC43T02 Datasheet HTML 9Page - Texas Instruments TPIC43T02 Datasheet HTML 10Page - Texas Instruments TPIC43T02 Datasheet HTML 11Page - Texas Instruments TPIC43T02 Datasheet HTML 12Page - Texas Instruments TPIC43T02 Datasheet HTML 13Page - Texas Instruments TPIC43T02 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TPIC43T01, TPIC43T02
THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
SLIS098 – APRIL 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
voltage regulator
The TPIC43T01/02 receives an 8 to 28 V supply voltage at the VCC pin and generates an internal 5 V, VDD,
supply for the internal analog and digital logic. An external terminal for VDD is provided for a required external
1
µF compensation capacitor. The regulator can also supply up to 10 mA current from the VDD pin to external
circuitry.
oscillators
internal oscillator
The device generates an internal 5.8 MHz clock to supply a frequency input to internal control blocks as
presented in Figure 4. No external components are required.
5.8 MHz
Oscillator
÷ 32
Charge
Pump
ILIM/OCSD
Deglitch
Timer
8-Bit PWM
Generator
PWM, f
∼23 kHz
Watchdog
÷ 8
Gate Drive
Dead Time
Control
Integrator
181 kHz
∼ 45 kHz
Figure 4. 5.8 MHz Internal Oscillator Fanout
FG reference oscillator
The FG reference oscillator provides a clock to the FG frequency control section of the device. The oscillator
requires an external 5 to 10 MHz crystal to select the primary frequency. The user can alternatively input a 1
to 10 MHz signal from a signal generator to the OSC1 input to replace the external crystal. Two EEPROM bits
allow programming four different crystal oscillator divide-by values for controlling the FG reference frequency.
The FSEL pin provides an additional divide-by-2 for on-the-fly FG frequency (RPM) selection. Table 1 shows
the divide-by count and resulting FG reference frequency based on the two EEPROM bits (address 1, bits 0 –1)
and the FSEL pin input level.


Podobny numer części - TPIC43T02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC43T02 TI-TPIC43T02 Datasheet
376Kb / 27P
[Old version datasheet]   THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
TPIC43T02DA TI-TPIC43T02DA Datasheet
376Kb / 27P
[Old version datasheet]   THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
More results

Podobny opis - TPIC43T02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC43T01 TI-TPIC43T01 Datasheet
376Kb / 27P
[Old version datasheet]   THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com