Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPIC0108BDWPR Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części TPIC0108BDWPR
Szczegółowy opis  PWM CONTROL INTELLIGENT H-BRIDGE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC0108BDWPR Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TPIC0108BDWPR Datasheet HTML 7Page - Texas Instruments TPIC0108BDWPR Datasheet HTML 8Page - Texas Instruments TPIC0108BDWPR Datasheet HTML 9Page - Texas Instruments TPIC0108BDWPR Datasheet HTML 10Page - Texas Instruments TPIC0108BDWPR Datasheet HTML 11Page - Texas Instruments TPIC0108BDWPR Datasheet HTML 12Page - Texas Instruments TPIC0108BDWPR Datasheet HTML 13Page - Texas Instruments TPIC0108BDWPR Datasheet HTML 14Page - Texas Instruments TPIC0108BDWPR Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TPIC0108B
PWM CONTROL INTELLIGENT HBRIDGE
SLIS068A − NOVEMBER1998 − REVISED APRIL 2002
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
200
100
0
−40 −20
0
20
40
60
80
300
STATIC DRAIN-SOURCE ON-RESISTANCE
vs
JUNCTION TEMPERATURE
400
100
120 140
VCC = 9.18 V
TJ − Junction Temperature − °C
Figure 7
300
200
100
0
0
5
10
15
400
500
STATIC-DRAIN-SOURCE ON-RESISTANCE
vs
SUPPLY VOLTAGE
600
20
25
VCC − Supply Voltage − V
HSD, TJ = 125°C
LSD, TJ = 125°C
LSD, TJ = 25°C
HSD, TJ = 25°C
Figure 8
10
5
0
−40 −20
0
20
40
60
80
15
OUTPUT STAGE TURN-ON TIME
vs
JUNCTION TEMPERATURE
20
100
120 140
HSD, VCC = 13.2 V
LSD, VCC = 13.2 V
TJ − Junction Temperature − °C
Figure 9
10
5
0
−40 −20
0
20
40
60
80
15
QUIESCENT BATTERY CURRENT
vs
JUNCTION TEMPERATURE
20
100 120 140
TJ − Junction Temperature − °C
IQB, VCC = 13.2 V


Podobny numer części - TPIC0108BDWPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC0108BDWP TI-TPIC0108BDWP Datasheet
205Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
More results

Podobny opis - TPIC0108BDWPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC0108B TI-TPIC0108B Datasheet
205Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107B TI-TPIC0107B Datasheet
202Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107B TI1-TPIC0107B_10 Datasheet
289Kb / 15P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
logo
Sanyo Semicon Device
LV8018W SANYO-LV8018W Datasheet
114Kb / 7P
   4ch PWM H-bridge Driver
logo
Texas Instruments
DRV8704 TI1-DRV8704 Datasheet
1Mb / 38P
[Old version datasheet]   Dual H-Bridge PWM Gate Driver
logo
Freescale Semiconductor...
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
   5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
logo
Freescale Semiconductor...
33931 FREESCALE-33931 Datasheet
1Mb / 21P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
   5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
logo
Freescale Semiconductor...
33926 FREESCALE-33926 Datasheet
665Kb / 24P
   5.0 A Throttle Control H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com