Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPIC2701 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części TPIC2701
Szczegółowy opis  7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2701 Arkusz danych(HTML) 3 Page - Texas Instruments

  TPIC2701_12 Datasheet HTML 1Page - Texas Instruments TPIC2701_12 Datasheet HTML 2Page - Texas Instruments TPIC2701_12 Datasheet HTML 3Page - Texas Instruments TPIC2701_12 Datasheet HTML 4Page - Texas Instruments TPIC2701_12 Datasheet HTML 5Page - Texas Instruments TPIC2701_12 Datasheet HTML 6Page - Texas Instruments TPIC2701_12 Datasheet HTML 7Page - Texas Instruments TPIC2701_12 Datasheet HTML 8Page - Texas Instruments TPIC2701_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TPIC2701
7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
SLIS019A − SEPTEMBER 1992 − REVISED SEPTEMBER 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over case temperature operating range (unless otherwise noted)
(see Note 4)
PARAMETER
TEST CONDITIONS
T
TPIC2701M
UNIT
PARAMETER
TEST CONDITIONS
TC†
MIN
TYP
MAX
UNIT
V
Drain to source breakdown voltage
ID = 1 μA,
VGS = 0
25°C
60
V
V(BR)DS
Drain-to-source breakdown voltage
ID = 1 mA,
VGS = 0
Full range
60
V
VTGS
Gate-to-source input threshold voltage
ID = 1 mA,
VDS = VGS
Full range
1.2
1.75
2.4
V
V
Drain to source on state voltage
I
05 A
V
15 V
25°C
0.25
0.45
V
VDS(on)
Drain-to-source on-state voltage
ID = 0.5 A,
VGS = 15 V
Full range
0.65
V
I
Zero gate voltage drain current
V
48 V
V
0
25°C
0.05
1
A
IDSS
Zero-gate-voltage drain current
VDS = 48 V,
VGS = 0
Full range
10
μA
I
Forward gate current, drain short-circuited to
V
20 V
V
0
25°C
10
100
nA
IGSSF
Forward gate current, drain short circuited to
source
VGS = 20 V,
VDS = 0
Full range
10
μA
I
Reverse gate current, drain short-circuited to
V
20 V V
0
25°C
10
100
nA
IGSSR
Reverse gate current, drain short circuited to
source
VGS = −20 V, VDS = 0
Full range
10
μA
r
Forward drain source on state resistance
V
15 V
I
05 A
25°C
0.5
0.9
Ω
rDS(on)
Forward drain-source on-state resistance
VGS = 15 V,
ID = 0.5 A
Full range
1.3
Ω
g
fs
Forward transconductance
VDS = 15 V,
ID = 0.5 A
25°C
0.8
S
Ciss
Short-circuit input capacitance, common source
105
Coss
Short-circuit output capacitance, common source VDS = 25 V,
VGS = 0,
Full range
65
pF
Crss
Short-circuit reverse transfer capacitance,
common source
DS
,
GS
,
f = 300 kHz
Full range
15
pF
Full range is −55°C to 125°C.
NOTE 4: Pulse testing techniques are used to maintain the virtual junction temperature as close to the case temperature as possible. Thermal
effects must be taken into account separately.
source-drain diode characteristics, TC = 25°C
PARAMETER
TEST CONDITIONS
TPIC2701
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSD
Forward On voltage
IS = 0.5 A,
VGS = 0
0.9
1.4
V
trr(SD)
Reverse-recovery time
IS = 0.5 A,
VGS = 0,
VDS = 48 V,
165
ns
QRR
Total source-drain diode charge
IS = 0.5 A,
VGS = 0,
di/dt = 25 A/μs,
VDS = 48 V,
See Figure 1
250
nC
source-to-drain diode characteristics over operating case temperature range (unless otherwise
noted) (see Note 4)
PARAMETER
TEST CONDITIONS
TPIC2701M
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSD
Forward On voltage
IS = 0.5 A,
VGS = 0
0.9
1.4
V
trr
Reverse recovery time
IS = 0.5 A,
VGS = 0,
VDS = 48 V,
165
ns
QRR
Total source-to-drain diode charge
IS = 0.5 A,
VGS = 0,
di/dt = 25 A /μs,
TC = 25°C,
VDS = 48 V,
See Figure 1
250
nC
NOTE 4: Pulse testing techniques are used to maintain the virtual junction temperature as close to the case temperature as possible. Thermal
effects must be taken into account separately.


Podobny numer części - TPIC2701_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC2701M TI-TPIC2701M Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701MJ TI-TPIC2701MJ Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701N TI-TPIC2701N Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
More results

Podobny opis - TPIC2701_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
[Old version datasheet]   6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2202 TI1-TPIC2202 Datasheet
178Kb / 11P
[Old version datasheet]   2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC3302 TI1-TPIC3302_11 Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC2302 TI-TPIC2302 Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
TPIC3322L TI1-TPIC3322L Datasheet
217Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com