Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPIC2701N Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części TPIC2701N
Szczegółowy opis  7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2701N Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TPIC2701N Datasheet HTML 2Page - Texas Instruments TPIC2701N Datasheet HTML 3Page - Texas Instruments TPIC2701N Datasheet HTML 4Page - Texas Instruments TPIC2701N Datasheet HTML 5Page - Texas Instruments TPIC2701N Datasheet HTML 6Page - Texas Instruments TPIC2701N Datasheet HTML 7Page - Texas Instruments TPIC2701N Datasheet HTML 8Page - Texas Instruments TPIC2701N Datasheet HTML 9Page - Texas Instruments TPIC2701N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TPIC2701
7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
SLIS019A − SEPTEMBER 1992 − REVISED SEPTEMBER 1996
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Pulse Generator
50 Ω
Rgen
50 Ω
VGS
25 V
DUT
VDS
TEST CIRCUIT
RL
VDD
VDS(on)
td(on)
tf
td(off)
90%
10%
90%
10%
VOLTAGE WAVEFORM
VGS
VDS
15 V
0
tr
90%
ten
tdis
Figure 2. Resistive Switching
Qg
10 V
WAVEFORM
Qgd
Time
Gate Voltage
VGS
12-V
Battery
0.2 μF
50 kΩ
0.3 μF
Current
Regulator
DUT
Same Type
as DUT
0
IG = 100 μA
IG Current-
Sampling Resistor
ID Current-
Sampling Resistor
VDD = 48 V
Qgs = Qg − Qgd
TEST CIRCUIT
Figure 3. Gate Charge Test Circuit and Waveform


Podobny numer części - TPIC2701N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC2701N TI-TPIC2701N Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
More results

Podobny opis - TPIC2701N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
[Old version datasheet]   6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2202 TI1-TPIC2202 Datasheet
178Kb / 11P
[Old version datasheet]   2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC3302 TI1-TPIC3302_11 Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC2302 TI-TPIC2302 Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
TPIC3322L TI1-TPIC3322L Datasheet
217Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com