Zakładka z wyszukiwarką danych komponentów |
|
TPIC2810 Arkusz danych(PDF) 4 Page - Texas Instruments |
|
TPIC2810 Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 23 page TPIC2810 8BIT LED DRIVER WITH I2C INTERFACE SLIS109A − DECEMBER 2001 − REVISED SEPTEMBER 2002 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over the recommended operating case temperature range (unless otherwise noted)† Logic supply voltage range, VCC (see Note 1) 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Logic input voltage range, VI −0.3 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Power DMOS drain-to-source voltage, VDS (see Note 2) 40 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous source-to-drain diode anode current 210 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Pulsed source-to-drain diode anode current (see Note 3) 420 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Pulsed drain current, each output, all outputs on, ID, TC = 25°C (see Note 3) 210 mA . . . . . . . . . . . . . . . . . . . Peak drain current, single output, IDM, TC = 25°C (see Note 3) 210 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating virtual junction temperature range, TJ −40 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating case temperature range, TC −40 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values are with respect to GND. 2. Each power DMOS source is internally connected to GND. 3. Pulse duration ≤ 100 µs and duty cycle ≤ 2%. DISSIPATION RATING TABLE PACKAGE TC = 25°C POWER RATING DERATING FACTOR ABOVE TC = 25°C TC = 125°C POWER RATING D 1087 mW 8.7 mW/ °C 217 mW recommended operating conditions MIN MAX UNIT Logic supply voltage, VCC 3.0 5.5 V High-level input voltage, VIH 0.7 VCC V Low-level input voltage, VIL 0.3 VCC V Pulse drain output current, TC = 25°C, VCC = 5 V, all outputs on (see Notes 3 and 4 and Figure 8) 210 mA Operating case temperature, TC −40 125 °C NOTES: 3. Pulse duration ≤ 100 µs and duty cycle ≤ 2%. 4. Technique must limit TJ − TC to 10°C maximum. |
Podobny numer części - TPIC2810_15 |
|
Podobny opis - TPIC2810_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |