Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPIC2101N Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części TPIC2101N
Szczegółowy opis  DC BRUSH MOTOR CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2101N Arkusz danych(HTML) 4 Page - Texas Instruments

  TPIC2101N Datasheet HTML 1Page - Texas Instruments TPIC2101N Datasheet HTML 2Page - Texas Instruments TPIC2101N Datasheet HTML 3Page - Texas Instruments TPIC2101N Datasheet HTML 4Page - Texas Instruments TPIC2101N Datasheet HTML 5Page - Texas Instruments TPIC2101N Datasheet HTML 6Page - Texas Instruments TPIC2101N Datasheet HTML 7Page - Texas Instruments TPIC2101N Datasheet HTML 8Page - Texas Instruments TPIC2101N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TPIC2101
DC BRUSH MOTOR CONTROLLER
SLIS060 – OCTOBER 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
detailed description
The TPIC2101 is an integrated circuit that generates a fixed frequency, variable duty cycle PWM signal to control
the rotor speed of a permanent-magnet dc motor. This section provides a functional description of the device.
dual command speed input capability
The TPIC2101 is user configurable to either auto or manual mode, and can sense either configuration internal
to the IC. In automatic mode, the speed-command-signal is an open-collector PWM signal on the AUTO
terminal, and the MAN terminal is floating. In manual mode, the speed-command-signal is a variable resistance
across the AUTO and MAN terminals with the MAN terminal connected to Vbat.
sleep, run, and fault states
The TPIC2101 operates in a sleep state, a run state, or a fault state. In the auto mode, a zero-speed input
initiates the sleep state. In the manual mode, an open-circuit at the AUTO and MAN terminals initiates the sleep
state. The device will also be in the sleep state during fault conditions. In the sleep state, the gate drive terminal
(GD) is held low and the overall current draw is less than 200
µA. Any speed command initiates the run state,
which is the normal operating state of the device. The fault state is entered only when the device detects an
overvoltage or current fault. Fault state is exited either by removal of the overvoltage condition (exiting to run
state) or by resetting a current fault by entering the sleep state.
speed command adjustment
The device adjusts the GD terminal PWM signal with changes in Vbat to keep the effective motor voltage
constant. The effective motor voltage is defined to be the product of the GD terminal PWM rate and the voltage
of Vbat. Figure 1 shows motor voltage as a function of input speed command in the automatic mode for various
battery voltages. PWMin is described as the duty cycle of the PWM signal at the AUTO terminal.
8
6
2
0
020
40
60
10
14
16
80
100
4
12
Vbat = 12
Vbat = 8
Vbat = 16
PWMin– Incoming Pulse Width Modulation – %
Figure 1. Motor Voltage vs. Incoming PWM for Various Battery Voltages
over/under voltage protection
The IC enters the fault state if Vbat rises above over-voltage shutdown (VOV typically equals 18.5 V). If Vbat falls
below the under-voltage shutdown (VUV typically equals 7.5 volts) the IC enters sleep state. Hysteresis assures
that the device will not toggle into and out of sleep state or fault condition.


Podobny numer części - TPIC2101N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC2101N TI-TPIC2101N Datasheet
251Kb / 18P
[Old version datasheet]   DC BRUSH MOTOR CONTROLLER
More results

Podobny opis - TPIC2101N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC2101 TI-TPIC2101 Datasheet
251Kb / 18P
[Old version datasheet]   DC BRUSH MOTOR CONTROLLER
logo
Rohm
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
   DC Brush Motor Drivers
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
   DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
   DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
   DC Brush Motor Drivers
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
   Motor driver with DC brush
logo
Unisonic Technologies
UMD9111 UTC-UMD9111 Datasheet
184Kb / 8P
   BRUSH DC MOTOR DRIVE CIRCUIT
logo
Shenzhen Huazhimei Semi...
HM2572 HMSEMI-HM2572 Datasheet
1Mb / 14P
   Brush type DC motor driver
logo
Unisonic Technologies
UMD9113 UTC-UMD9113 Datasheet
164Kb / 8P
   BRUSH DC MOTOR DRIVE CIRCUIT
logo
Shenzhen Huazhimei Semi...
HM2570 HMSEMI-HM2570 Datasheet
749Kb / 11P
   Brush type DC motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com