Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPIC5223L Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części TPIC5223L
Szczegółowy opis  2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC5223L Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TPIC5223L_11 Datasheet HTML 4Page - Texas Instruments TPIC5223L_11 Datasheet HTML 5Page - Texas Instruments TPIC5223L_11 Datasheet HTML 6Page - Texas Instruments TPIC5223L_11 Datasheet HTML 7Page - Texas Instruments TPIC5223L_11 Datasheet HTML 8Page - Texas Instruments TPIC5223L_11 Datasheet HTML 9Page - Texas Instruments TPIC5223L_11 Datasheet HTML 10Page - Texas Instruments TPIC5223L_11 Datasheet HTML 11Page - Texas Instruments TPIC5223L_11 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TPIC5223L
2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL
POWER DMOS ARRAY
SLIS043A – NOVEMBER 1994 – REVISED SEPTEMBER 1995
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
CAPACITANCE
vs
DRAIN-TO-SOURCE VOLTAGE
VDS – Drain-to-Source Voltage – V
105
70
35
0
140
175
210
04
8
12
16
350
315
280
245
20
24
28
32
36
40
Coss
Crss
Ciss
VGS = 0
f = 1 MHz
TJ = 25°C
Ciss(0) = 245 pF
Coss(0) = 3700 pF
Crss(0) = 132 pF
Figure 11
SOURCE-TO-DRAIN DIODE CURRENT
vs
SOURCE-TO-DRAIN VOLTAGE
VSD – Source-to-Drain Voltage – V
0.1
1
0.1
10
1
TJ = 75°C
TJ = 150°C
TJ = 125°C
10
TJ = – 40°C
TJ = 25°C
VGS = 0
Figure 12
DRAIN-TO-SOURCE VOLTAGE AND
GATE-TO-SOURCE VOLTAGE
vs
GATE CHARGE
Qg – Gate Charge – nC
0
0.5
1
1.5
2
2.5
3
3.5
30
20
10
0
40
50
60
6
4
2
0
8
10
12
4
4.5
5
VDD = 20 V
VDD = 48 V
VDD = 20 V
VDD = 30 V
ID = 500 mA
TJ = 25°C
See Figure 3
Figure 13
Figure 14
REVERSE-RECOVERY TIME
vs
REVERSE di/dt
Reverse di/dt – A/
µs
20
0
100
0
100
200
300
60
40
80
120
400
160
140
200
180
220
500
600
D1 and D2
Z1 and Z2
VDS = 48 V
VGS = 0
IS = 500 mA
TJ = 25°C
See Figure 1


Podobny numer części - TPIC5223L_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC5223L TI-TPIC5223L Datasheet
285Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
More results

Podobny opis - TPIC5223L_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC5223L TI-TPIC5223L Datasheet
285Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5423L TI-TPIC5423L Datasheet
199Kb / 11P
[Old version datasheet]   4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5323L TI1-TPIC5323L Datasheet
251Kb / 13P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5203 TI1-TPIC5203 Datasheet
261Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5303 TI1-TPIC5303 Datasheet
264Kb / 14P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5403 TI-TPIC5403 Datasheet
295Kb / 14P
[Old version datasheet]   4-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5322L TI1-TPIC5322L Datasheet
228Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT LOGIC-LEVEL POWER DMOS ARRAY
TPIC5421L TI1-TPIC5421L Datasheet
299Kb / 16P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC1321L TI1-TPIC1321L Datasheet
273Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5302D TI1-TPIC5302D Datasheet
211Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com