Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN7005MUX Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części FAN7005MUX
Szczegółowy opis  200mW Stereo Power Amplifier with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7005MUX Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN7005MUX Datasheet HTML 4Page - Fairchild Semiconductor FAN7005MUX Datasheet HTML 5Page - Fairchild Semiconductor FAN7005MUX Datasheet HTML 6Page - Fairchild Semiconductor FAN7005MUX Datasheet HTML 7Page - Fairchild Semiconductor FAN7005MUX Datasheet HTML 8Page - Fairchild Semiconductor FAN7005MUX Datasheet HTML 9Page - Fairchild Semiconductor FAN7005MUX Datasheet HTML 10Page - Fairchild Semiconductor FAN7005MUX Datasheet HTML 11Page - Fairchild Semiconductor FAN7005MUX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
FAN7005
8
Typical Performance Characteristics (Continued)
Figure 19. .Output Level vs. Frequency
Figure 20. .Output Level vs. Frequency
Figure 22. Supply Current vs. Supply Voltage
Figure 23. Supply Current vs. Shutdown Voltage
Figure 24. Power Dissipation vs. Output Power
Figure 21. Noise Floor
0
+5
Frequency (Hz)
20k
50
100 200
500
1k
2k
5k
10k
20
50k 100k
-4
-8
-12
-16
-20
VDD = 5V
RL = 8
Av = -1
CB = 1.0
µF
RIN = RF =20k
C
IN = 0.1µF
C
O = 470µF
C
IN = 1.0µF
C
O = 470µF
0
+5
Frequency (Hz)
20k
50
100 200
500
1k
2k
5k
10k
20
50k 100k
-4
-8
-12
-16
-20
VDD = 5V
RL = 8
Av = -1
CB = 1.0
µF
RIN = RF =20k
C
IN = 0.1µF
C
O = 470µF
C
IN = 1.0µF
C
O = 470µF
0
+5
Frequency (Hz)
20k
50
100 200
500
1k
2k
5k
10k
20
50k 100k
-4
-8
-12
-16
-20
VDD = 5V
RL = 32
Av = -1
CB = 1.0
µF
RIN = RF =20k
C
IN = 0.1µF
C
O = 220µF
C
IN = 1.0µF
C
O = 220µF
0
+5
Frequency (Hz)
20k
50
100 200
500
1k
2k
5k
10k
20
50k 100k
-4
-8
-12
-16
-20
VDD = 5V
RL = 32
Av = -1
CB = 1.0
µF
RIN = RF =20k
C
IN = 0.1µF
C
O = 220µF
C
IN = 1.0µF
C
O = 220µF
Frequency (Hz)
20k
50
100
200
500
1k
2k
5k
10k
20
-100
-80
-60
-120
-140
-160
VDD = 5V
RL = 8
Vin = 0V
Av = -1
BW < 80kHz
Frequency (Hz)
20k
50
100
200
500
1k
2k
5k
10k
20
-100
-80
-60
-120
-140
-160
VDD = 5V
RL = 8
Vin = 0V
Av = -1
BW < 80kHz
0
123
45
6
0.0
0.5
1.0
1.5
2.0
2.5
Vin = 0V
Temp. = 25°C
Supply Voltage (V)
0
123
45
6
0.0
0.5
1.0
1.5
2.0
2.5
Vin = 0V
Temp. = 25°C
Supply Voltage (V)
01
23
4
5
0.0
0.5
1.0
1.5
2.0
2.5
VDD=2.5V
VDD=3.0V
VDD=5.0V
Temp. =
25°C
Vin = 0V
Shutdown Voltage (V)
01
23
4
5
0.0
0.5
1.0
1.5
2.0
2.5
VDD=2.5V
VDD=3.0V
VDD=5.0V
Temp. =
25°C
Vin = 0V
Shutdown Voltage (V)
0
50
100
150
200
250
300
0
50
100
150
200
RL=16
RL=32
RL=8
VDD=5V
f = 1kHz
THD+N < 1.0%
Av = -1
BW < 80kHz
Output Power (mW)
0
50
100
150
200
250
300
0
50
100
150
200
RL=16
RL=32
RL=8
VDD=5V
f = 1kHz
THD+N < 1.0%
Av = -1
BW < 80kHz
Output Power (mW)


Podobny numer części - FAN7005MUX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN7000 FAIRCHILD-FAN7000 Datasheet
59Kb / 10P
   Low Power Amplifier
FAN7000D FAIRCHILD-FAN7000D Datasheet
59Kb / 10P
   Low Power Amplifier
More results

Podobny opis - FAN7005MUX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BCD Semiconductor Manuf...
AA4003 BCDSEMI-AA4003 Datasheet
504Kb / 18P
   2W STEREO AUDIO POWER AMPLIFIER WITH SHUTDOWN
logo
Anachip Corp
AP4809 ANACHIP-AP4809 Datasheet
234Kb / 9P
   Stereo Headphone Amplifier With Shutdown Mode
logo
Maxim Integrated Produc...
MAX9725 MAXIM-MAX9725 Datasheet
425Kb / 14P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 11/04
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9725DETC MAXIM-MAX9725DETC Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 4; 3/09
MAX9725 MAXIM-MAX9725_V01 Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-3465; Rev 4; 3/09
logo
Global Mixed-mode Techn...
G1453 GMT-G1453 Datasheet
490Kb / 1P
   2.6W Stereo Audio Amplifier with Shutdown Mode
G1454 GMT-G1454 Datasheet
398Kb / 1P
   2.0W Stereo Audio Amplifier with Shutdown Mode
logo
Eutech Microelectronics...
EUA6027 EUTECH-EUA6027 Datasheet
458Kb / 14P
   2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
logo
BCD Semiconductor Manuf...
AA4005 BCDSEMI-AA4005 Datasheet
571Kb / 15P
   2.7W Stereo Audio Power Amplifier with Shutdown, 4 Selectable Gain Setups
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com